Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2482PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2482PWR
Description  36-V Hotswap Controller with Precision I2C Power Monitoring
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2482PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2482PWR Datasheet HTML 5Page - Texas Instruments TPS2482PWR Datasheet HTML 6Page - Texas Instruments TPS2482PWR Datasheet HTML 7Page - Texas Instruments TPS2482PWR Datasheet HTML 8Page - Texas Instruments TPS2482PWR Datasheet HTML 9Page - Texas Instruments TPS2482PWR Datasheet HTML 10Page - Texas Instruments TPS2482PWR Datasheet HTML 11Page - Texas Instruments TPS2482PWR Datasheet HTML 12Page - Texas Instruments TPS2482PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
J(max)
S(max)
LIM
JC(max)
T
T
P
R
q
-
<
(
)
LIM
PROG
LIM
P
V
10
I
=
´
TPS2482
TPS2483
www.ti.com
SLUSAW1 A – DECEMBER 2012 – REVISED MARCH 2013
Pin Function Detailed Descriptions
A0, A1: Address bits for setting the TPS2482 and TPS2483 serial-bus address. Each input may be tied to one of
four pins (GND, SDA, SCL, VS) which provides a total of 16 different available addresses, as shown in Table 8.
ALERT: The ALERT pin is associated with the serial bus, similar to the SMBus Alert function. ALERT is an open-
drain multi-function logic signal that can be programmed to go low if a user-defined threshold has been
exceeded.
EN: The GATE driver is enabled when the internal POR2 and UVLO thresholds have been satisfied and the EN
upper threshold is exceeded. Hysteresis between the upper and lower thresholds of EN helps to avoid
enable/disable chatter if a slowly changing voltage is applied. EN can be used as a logic-level control input, an
analog input voltage monitor as illustrated by REN1/REN2 in the Simplified Application Diagram, or it can be tied to
VCC to always enable the TPS2482 and TPS2483. The hysteresis associated with the internal comparator
makes this a stable method of detecting a low input voltage condition and shutting off the downstream circuit(s).
A TPS2482 that has latched off can be reset by cycling EN below its lower threshold and back high.
GATE: Provides the high-side (above VCC) gate drive for the external N-channel MOSFET pass-transistor
(pass-MOSFET). It is controlled by the internal gate drive amplifier, which provides a pull-up current of 22
μA
from an internal charge pump and a strong pull-down to ground of at least 75 mA. The pull-down current is a
non-linear function of the amplifier overdrive; it provides less drive for small overloads, but higher overdrive for
fast reaction to an output short-circuit. There is a separate pull-down of about 2.4 mA to shut off the pass-
MOSFET when either EN or UVLO fall below their respective lower thresholds.
An internal clamp protects the gate of the pass-MOSFET (to OUT) and generally eliminates the need for an
external clamp in almost all cases for devices with a VGS(max) rating ≥ 20 V; an external Zener diode may be
required to protect the gate of high-CGD devices with VGS(max) < 16 V. A small series resistance of 10 Ω should be
inserted in the gate lead if the CISS of the pass-MOSFET > 200 pF, otherwise use 33 Ω for small MOSFETs.
A capacitor can be connected from GATE to ground to create a slower inrush with a constant current profile
without affecting the amplifier stability. Add a series resistor of about 1 k
Ω to the gate capacitor to maintain the
gate clamping and current limit response time.
GND: These pins are connected to the system ground.
OUT: This pin is an input used by the constant power-limit engine and the PG comparator to measure VDS of the
pass-MOSFET as V(SENSE-OUT). Internal protection circuits leak a small current from this pin when it is low. If the
load circuit can drive OUT below ground, connect a clamp (or freewheel) diode from OUT (cathode) to GND
(anode) to keep VOUT > -0.3 V.
PG: This open-drain output is intended to interface to downstream dc/dc converters or monitoring circuits to
provide a "power-good" indication when load capacitor charge-up is essentially complete. PG goes open-drain
(high voltage with a pull-up) after VDS of the pass-MOSFET has fallen below 1.25 V and a 9-ms deglitch time
period has elapsed. PG is false (low or low-resistance to ground) whenever VDS of the pass-MOSFET is above
2.7 V or UVLO is active. PG can also be viewed as having an input and output voltage monitor function. The 9-
ms deglitch circuit serves to filter short events that could cause PG to go inactive (low) such as a momentary
overload or input voltage step. However, the 9-ms delay is immediately reset whenever UVLO is active. VPG can
be greater than VVCC because its ESD protection is only with respect to ground.
PROG: The voltage applied to this pin (normally 0.4 V to 4.0 V) programs the power dissipation limit for the
pass-MOSFET by the constant power-limit engine. Applying a voltage lower than 0.4 V may result in wide
variations in power-limiting performance. Typically, a resistor divider RPROG1/RPROG2 is connected from VREF to
PROG to set the power limit according to the following equation:
(1)
where PLIM is the desired power dissipation limit for the pass-MOSFET and ILIM is the current limit setpoint (see
SENSE). PLIM is determined by the allowable thermal stress on the pass-MOSFET:
(2)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2482 TPS2483


Similar Part No. - TPS2482PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482PWR TI1-TPS2482PWR Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results

Similar Description - TPS2482PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com