Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70730PDQNT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70730PDQNT
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70730PDQNT Datasheet(HTML) 3 Page - Texas Instruments

  TLV70730PDQNT Datasheet HTML 1Page - Texas Instruments TLV70730PDQNT Datasheet HTML 2Page - Texas Instruments TLV70730PDQNT Datasheet HTML 3Page - Texas Instruments TLV70730PDQNT Datasheet HTML 4Page - Texas Instruments TLV70730PDQNT Datasheet HTML 5Page - Texas Instruments TLV70730PDQNT Datasheet HTML 6Page - Texas Instruments TLV70730PDQNT Datasheet HTML 7Page - Texas Instruments TLV70730PDQNT Datasheet HTML 8Page - Texas Instruments TLV70730PDQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TLV707 Series
www.ti.com
SBVS153C – FEBRUARY 2011 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS
At VIN = VOUT(TYP) + 0.5V or 2.0 V (whichever is greater); IOUT = 1 mA, VEN = VIN, COUT = 0.47 μF, and TA = –40°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.
SPACE
TLV707 Series
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.0
5.5
V
VO
Output voltage range
0.85
5.0
V
TA = +25°C
0.5
%
VOUT
DC output accuracy
VOUT ≥ 0.85 V, TA = –40°C to +85°C
–1.5
+1.5
%
ΔVO/ΔVIN
Line regulation
1
5
mV
ΔVO/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 150 mA
10
20
mV
IOUT = 30 mA
65
mV
2.0 V < VOUT ≤ 2.4 V
IOUT = 150 mA
325
360
mV
IOUT = 30 mA
50
mV
2.4 V < VOUT ≤ 2.8 V
IOUT = 150 mA
250
300
mV
VIN = 0.98 x
VDO
Dropout voltage
VOUT(NOM)
IOUT = 30 mA
45
mV
2.8 V < VOUT ≤ 3.3 V
IOUT = 150 mA
220
270
mV
IOUT = 30 mA
40
mV
3.3 V < VOUT ≤ 5.0 V
IOUT = 150 mA
200
250
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
240
300
450
mA
IGND
Ground pin current
IOUT = 0 mA
25
50
µA
ISHUTDOWN
Shutdown current
VEN ≤ 0.4 V, 2.0 V ≤ VIN ≤ 4.5 V
1
µA
f = 100 Hz
70
dB
Power-supply rejection
VIN = 3.3 V, VOUT = 2.8 V,
PSRR
f = 10 kHz
55
dB
ratio
IOUT = 30 mA
f = 1 MHz
50
dB
BW = 100 Hz to 100 kHz, VIN = 2.3 V, VOUT = 1.8 V,
VN
Output noise voltage
45
µVRMS
IOUT = 10 mA
tSTR
Startup time(1)
COUT = 1.0 µF, IOUT = 150 mA
100
µs
VEN(HI)
EN pin high (enabled)
0.9
VIN
V
VEN(LO)
EN pin low (disabled)
0
0.4
V
IEN
EN pin current
VEN = 5.5 V
0.01
µA
UVLO
Undervoltage lockout
VIN rising
1.9
V
Pull-down resistance
RPULLDOWN
120
Ω
(TLV707xxP only)
Operating junction
TJ
–40
+125
°C
temperature
(1)
Startup time = time from EN assertion to 0.98 × VOUT(NOM).
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TLV70730PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70730PDQNT TI1-TLV70730PDQNT Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV70730PDQNT TI1-TLV70730PDQNT Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70730PDQNT TI1-TLV70730PDQNT Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70730PDQNT TI1-TLV70730PDQNT Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70730PDQNT TI1-TLV70730PDQNT Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70730PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com