Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2483PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2483PWR
Description  36-V Hotswap Controller with Precision I2C Power Monitoring
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2483PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2483PWR Datasheet HTML 6Page - Texas Instruments TPS2483PWR Datasheet HTML 7Page - Texas Instruments TPS2483PWR Datasheet HTML 8Page - Texas Instruments TPS2483PWR Datasheet HTML 9Page - Texas Instruments TPS2483PWR Datasheet HTML 10Page - Texas Instruments TPS2483PWR Datasheet HTML 11Page - Texas Instruments TPS2483PWR Datasheet HTML 12Page - Texas Instruments TPS2483PWR Datasheet HTML 13Page - Texas Instruments TPS2483PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
TPS2482
TPS2483
SLUSAW1 A – DECEMBER 2012 – REVISED MARCH 2013
www.ti.com
where TJ(max) is the maximum desired transient junction temperature of the pass-MOSFET and TS(max) is its
maximum case temperature just prior to a power-limiting event (such as a start or restart). RθJC(max) is the
transient junction-to-case thermal resistance of the pass-MOSFET corresponding to the event interval.
VPROG is used in conjunction with VDS to compute the (scaled) drain current, ID_ALLOWED, by the constant power-
limit engine. ID_ALLOWED is compared by the gate amplifier to the actual ID and used to generate a gate drive. If ID
< ID_ALLOWED, the amplifier turns the gate of the pass-MOSFET full on because there is no overload condition;
otherwise GATE is regulated to maintain the ID = ID_ALLOWED relationship.
A capacitor may be tied from PROG to ground to alter the natural constant power inrush current shape. If
properly designed, the effect is to cause the leading step of current in Figure 30 to look like a ramp. PROG is
internally pulled to ground whenever EN, POR2, or UVLO are not satisfied, or the TPS2482 is latched off. This
feature serves to discharge any capacitance connected to the pin. Do not apply voltages greater than 4 V to
PROG. If the constant power limit is not used, PROG should be tied to VREF through a 47-k
Ω resistor.
SCL: This pin is the clock input for the serial-bus interface.
SDA: This pin is the data input for the serial-bus interface.
SENSE: Monitors the input voltage at the drain of the pass-MOSFET, and the downstream side of RS providing
the constant power limit engine with feedback of both the pass-MOSFET current (ID) and voltage (VDS). Voltage
is determined by the difference between SENSE and OUT, while the current analog is the difference between
VCC and SENSE. The constant power engine uses VDS to compute the allowed ID and is clamped to 50 mV,
acting like a traditional current limit at low VDS. The maximum current limit is set by the following equation:
(3)
Design the connections to SENSE to minimize RS voltage sensing errors. Don't drive SENSE to a large voltage
difference from VCC because there is a non-linear internal impedance between them. The current limit function
can be disabled by connecting SENSE to VCC.
TIMER: An integrating capacitor, CT, connected to the TIMER pin provides a timing function that controls the
allowable fault-time for both versions and the retry interval for the TPS2483. The timer charges at 25
μA
whenever the TPS2482 and TPS2483 are in power limit or current limit and discharges at 2.5
μA otherwise. The
charge-to-discharge current ratio is constant with temperature even though there is a positive temperature
coefficient to both. If TIMER reaches 4 V, the TPS2482 pulls GATE to ground, latches off, and discharges CT.
The TPS2483 pulls GATE to ground and attempts a restart (re-enable GATE) after a timing sequence consisting
of discharging CT down to 1 V followed by 15 more charge and discharge cycles. The TPS2482 can be reset by
either cycling the EN pin or the UVLO (e.g. power cycling). TIMER discharges when EN is low or UVLO or the
internal POR2 (power-on reset) are active. The TIMER pin should be tied to ground if this feature is not used.
The general equation for fault retry time as a function of CT and retry-application information is found in
Applications Using the Retry Feature (TPS2483).
VCC: Power supply input for the hotswap section, which provides three functions:
1. biasing power to the integrated circuit,
2. input to the hotswap section power-on reset (POR2) and under voltage lockout (UVLO) functions, and
3. voltage sense at one terminal of RS for the pass-MOSFET current measurement.
The voltage must exceed the POR2 threshold (about 6 V for approximately 400 µs) and the internal UVLO turn-
on threshold (about 8.4 V) before normal operation (driving the GATE output) may begin. Connections to VCC
should be designed to minimize RS voltage sensing errors and to maximize the effect of C1 and D1; place C1 at
RS rather than at the device pin to eliminate transient sensing errors. GATE, PROG, PG, and TIMER are held
low when either UVLO or POR2 are active.
VINM: This pin is Kelvin connected to the negative (load) side of the current sensing resistor.
VINP: This pin is Kelvin connected to the positive (source) side of the current sensing resistor.
VS: Power supply input for the monitoring section power-on reset (POR1), control logic, ADC, and serial-bus
interface. Typically between 2.7 V and 5.5 V.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS2482 TPS2483


Similar Part No. - TPS2483PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2483PWR TI1-TPS2483PWR Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results

Similar Description - TPS2483PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com