Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3420DDRYT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3420DDRYT
Description  Low-Power, Push-Button Controllers with Configurable Delay
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3420DDRYT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3420DDRYT Datasheet HTML 1Page - Texas Instruments TPS3420DDRYT Datasheet HTML 2Page - Texas Instruments TPS3420DDRYT Datasheet HTML 3Page - Texas Instruments TPS3420DDRYT Datasheet HTML 4Page - Texas Instruments TPS3420DDRYT Datasheet HTML 5Page - Texas Instruments TPS3420DDRYT Datasheet HTML 6Page - Texas Instruments TPS3420DDRYT Datasheet HTML 7Page - Texas Instruments TPS3420DDRYT Datasheet HTML 8Page - Texas Instruments TPS3420DDRYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
V
DD
Reset
GND
Microprocessor,
PMU
V
= 1.6 V to 6.5 V
IN
RST
GND
PB1
PB2
TS
VCC
1
2
3
6
5
4
TPS3420, TPS3421
DRY PACKAGE
1,45-mm x 1-mm SON
(TOP VIEW)
RST
GND
PB1
TST
TS
VCC
1
2
3
6
5
4
TPS3422
DRY PACKAGE
1,45-mm x 1-mm SON
(TOP VIEW)
VCC
PB1
RST
GND
TPS3421
PB2
TS
Push-
Button
Switch
Push-
Button
Switch
TPS3420
TPS3421
TPS3422
www.ti.com
SBVS211A – AUGUST 2012 – REVISED MARCH 2013
Low-Power, Push-Button Controllers with Configurable Delay
Check for Samples: TPS3420, TPS3421, TPS3422
1
FEATURES
DESCRIPTION
The TPS3420, TPS3421, and TPS3422 (TPS342x)
23
Very Small Package: 1.45-mm × 1-mm SON
are low-current, ultrasmall, push-button reset timers.
Operating Range: 1.6 V to 6.5 V
These devices use a long timing setup delay to
Single (TPS3422) or Dual (TPS3420 and
provide the intended system reset, and avoid resets
TPS3421) Push-Button Inputs
from short push-button closures or key presses. This
reset configuration also allows for differentiation
Low Supply Current: 250 nA
between software interrupts and hard system resets.
Two-State Logic, User-Selectable Input Delay:
The TPS3420 and TPS3421 monitor two inputs (PB1
For Example: 7.5 s and 0 s
and PB2) and output an active-low reset pulse signal
Multiple Timing Options Available
(RST) when both inputs are low for the selected time
Fixed Timeout Pulse at RST (TPS3421 and
delay. For the TPS3421, RST remains low for a
factory-programmed fixed time. For the TPS3420,
TPS3422): 400 ms
RST remains low until one of the PBx inputs is
Other Timing Options Available on Request
released. The need for a dedicated reset button is
Active Low, Open-Drain Output
eliminated because two inputs are used to ensure
reset. The TPS3422 monitors one input (PB1) and
APPLICATIONS
outputs an active-low reset pulse signal (RST) when
PB1 is low for the selected time delay.
Smart Phones
The TPS342x have an open-drain output that can be
Tablets, Ultrabooks™
wire ORed with other open-drain devices. The
Gaming Consoles
TPS342x operate from 1.6 V to 6.5 V over the –40°C
Portable Consumer
to +125°C temperature range, and provide a precise,
space-conscious micropower solution for system
Navigation Devices
resetting needs.
Consumer Medical
Toys
NOTE: Connect TS to VCC or ground for different PB time delays. Connect one PB input to ground for use as a single channel.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Ultrabooks is a trademark of Intel Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3420DDRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430 TI1-TPS3430 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430WDRCR TI1-TPS3430WDRCR Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results

Similar Description - TPS3420DDRYT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717_07 Datasheet
251Kb / 29P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com