Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54540 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54540
Description  4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54540 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54540 Datasheet HTML 3Page - Texas Instruments TPS54540 Datasheet HTML 4Page - Texas Instruments TPS54540 Datasheet HTML 5Page - Texas Instruments TPS54540 Datasheet HTML 6Page - Texas Instruments TPS54540 Datasheet HTML 7Page - Texas Instruments TPS54540 Datasheet HTML 8Page - Texas Instruments TPS54540 Datasheet HTML 9Page - Texas Instruments TPS54540 Datasheet HTML 10Page - Texas Instruments TPS54540 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
±5.5
±5.3
±5.1
±4.9
±4.7
±4.5
±4.3
±4.1
±3.9
±3.7
±3.5
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C035
V
IN = 12 V,
I
EN = Threshold + 50 mV
±2.5
±2.3
±2.1
±1.9
±1.7
±1.5
±1.3
±1.1
±0.9
±0.7
±0.5
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series2
C036
V
IN = 12V,
I
EN = Threshold ±50 mV
20
30
40
50
60
70
80
90
100
110
120
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series2
C033
V
IN = 12 V
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series2
C034
V
IN = 12 V
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
0
50
100
150
200
RT/CLK - Resistance (k )
C031
200
250
300
350
400
450
500
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series2
C032
V
IN = 12 V
TPS54540
www.ti.com
SLVSBX7 – MAY 2013
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
HIGH FREQUENCY RANGE
EA TRANSCONDUCTANCE vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EA TRANSCONDUCTANCE DURING SOFT-START vs
JUNCTION TEMPERATURE
EN PIN VOLTAGE vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs JUNCTION TEMPERATURE
EN PIN CURRENT vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54540


Similar Part No. - TPS54540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540BDDA TI1-TPS54540BDDA Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
More results

Similar Description - TPS54540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com