Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54540DDA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54540DDA
Description  4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54540DDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54540DDA Datasheet HTML 2Page - Texas Instruments TPS54540DDA Datasheet HTML 3Page - Texas Instruments TPS54540DDA Datasheet HTML 4Page - Texas Instruments TPS54540DDA Datasheet HTML 5Page - Texas Instruments TPS54540DDA Datasheet HTML 6Page - Texas Instruments TPS54540DDA Datasheet HTML 7Page - Texas Instruments TPS54540DDA Datasheet HTML 8Page - Texas Instruments TPS54540DDA Datasheet HTML 9Page - Texas Instruments TPS54540DDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
450
460
470
480
490
500
510
520
530
540
550
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series1
C029
R
T = 200 k
,
V
IN = 12 V
100
150
200
250
300
350
400
450
500
200
300
400
500
600
700
800
900
1000
RT/CLK - Resistance (k )
C030
F
SW (kHz) = 92417 x RT (k
)±0.991
R
T (k
) = 101756 x F
SW (kHz)
±1.008
6
6.5
7
7.5
8
8.5
9
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series2
C027
V
IN = 12 V
6
6.5
7
7.5
8
8.5
9
0
7
14
21
28
35
42
V
I - Input Voltage (V)
Series1
Series2
Series4
C028
±40 ƒC
25
ƒC
150
ƒC
0
0.05
0.1
0.15
0.2
0.25
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
BOOT-SW = 3 V
BOOT-SW = 6 V
C025
0.784
0.789
0.794
0.799
0.804
0.809
0.814
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series1
C026
V
IN = 12 V
TPS54540
SLVSBX7 – MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS
ON RESISTANCE vs JUNCTION TEMPERATURE
VOLTAGE REFERENCE vs JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SWITCH CURRENT LIMIT vs JUNCTION TEMPERATURE
SWITCH CURRENT LIMIT vs INPUT VOLTAGE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
SWITCHING FREQUENCY vs JUNCTION TEMPERATURE
LOW FREQUENCY RANGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54540


Similar Part No. - TPS54540DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540BDDA TI1-TPS54540BDDA Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
More results

Similar Description - TPS54540DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com