Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3420DDRYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3420DDRYR
Description  Low-Power, Push-Button Controllers with Configurable Delay
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3420DDRYR Datasheet(HTML) 3 Page - Texas Instruments

  TPS3420DDRYR Datasheet HTML 1Page - Texas Instruments TPS3420DDRYR Datasheet HTML 2Page - Texas Instruments TPS3420DDRYR Datasheet HTML 3Page - Texas Instruments TPS3420DDRYR Datasheet HTML 4Page - Texas Instruments TPS3420DDRYR Datasheet HTML 5Page - Texas Instruments TPS3420DDRYR Datasheet HTML 6Page - Texas Instruments TPS3420DDRYR Datasheet HTML 7Page - Texas Instruments TPS3420DDRYR Datasheet HTML 8Page - Texas Instruments TPS3420DDRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPS3420
TPS3421
TPS3422
www.ti.com
SBVS211A – AUGUST 2012 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
All specifications are over the operating temperature range of –40°C < TJ < +125°C and 1.6 V ≤ VCC ≤ 6.5 V, unless otherwise
noted. Typical values are at TJ = +25°C and VCC = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Input supply range
1.6
6.5
V
VCC = 3.3 V
250
nA
TPS3421,
VCC = 6.5 V, –40°C < TJ < +85°C
1
µA
TPS3422
VCC = 6.5 V
3.3
µA
Supply current
(standby)
VCC = 3.3 V
350
nA
ICC
TPS3420
VCC = 6.5 V, –40°C < TJ < +85°C
1.2
µA
VCC = 6.5 V
3.4
µA
TPS3420,
PB1, PB2 = 0 V, VCC = 6.5 V
6
12
µA
Supply current
TPS3421
(active timer)(1)
TPS3422
PB1, PB2 = 0 V, VCC = 6.5 V
106
136
µA
TPS3421,
PB1, PB2
0.7 VCC
V
High-level input
TPS3422
VIH
voltage
TPS3420
PB1, PB2
0.85
V
TPS3421,
PB1, PB2
0
0.3 VCC
V
Low-level input
TPS3422
VIL
voltage
TPS3420
PB1, PB2
0
0.3
V
PB1 internal pull-up resistance
RPB1
65
k
Ω
(TPS3422)
TPS3420
PB1, PB2 = 0 V or VCC
–50
50
nA
Input current
TPS3421
IPB
(PB1, PB2)
TPS3422
PB1, PB2 = VCC
-50
50
nA
VCC ≥ 4.5 V, ISINK = 8 mA
0.4
V
VOL
Low-level output voltage
VCC ≥ 3.3 V, ISINK = 5 mA
0.3
V
VCC ≥ 1.6 V, ISINK = 3 mA
0.3
V
Ilkg(OD)
Open-drain output leakage current
High impedance, V RST = 6.5 V
–0.35
0.35
µA
(1)
Includes current through pull-up resistor between input pin (PB1) and supply pin (VCC) for TPS3422.
TIMING REQUIREMENTS
All specifications are over the operating temperature range of –40°C < TJ < +125°C and 1.6 V ≤ VCC ≤ 6.5 V, unless otherwise
noted. Typical values are at TJ = +25°C and VCC = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–20%
20%
TPS3420D: TS = GND
6
7.5
9
s
ttimer
Push button timer(1)
TPS3420D: TS = VCC
10
12.5
15
s
TPS3421Ey, TPS3422Ey: TS = GND
6
7.5
9
s
TPS3421Ey, TPS3422Ey: TS = VCC
0
s
–20%
20%
TPS3421xC
64
80
96
ms
trst
Reset pulse duration
TPS3421xG
320
400
480
ms
TPS3422xG
320
400
480
ms
Detection delay (from input to
150
µs
tdd
For 0-s ttimer condition
RST)(2)
Start-up time(2)
VCC rising
300
µs
(1)
For devices with a 0-second delay while TS = VCC, this option is only for factory testing and is not intended for normal operation. In
normal operation, the TS pin should be tied to GND.
(2)
For devices with a 0-second delay when TS = VCC, reset asserts in tdd time when both PB inputs go low in this configuration. During
start up, if the PB inputs are low, reset asserts after a start-up time delay. This value is specified by design.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3420 TPS3421 TPS3422


Similar Part No. - TPS3420DDRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430 TI1-TPS3430 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430WDRCR TI1-TPS3430WDRCR Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results

Similar Description - TPS3420DDRYR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717_07 Datasheet
251Kb / 29P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com