Electronic Components Datasheet Search |
|
TLV70734PDQNR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TLV70734PDQNR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 35 page TLV707 Series SBVS153C – FEBRUARY 2011 – REVISED NOVEMBER 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT VOUT (2) TLV707xx(x)Pyyyz XX(X) is the nominal output voltage. For output voltages with a resolution of 100mV, two digits are used in the ordering number; otherwise, three digits are used (for example, 18 = 1.8V, 285 = 2.85V). P is optional; devices with P have an LDO regulator with an active output discharge. YYY is the package designator. Z is package quantity. Use R for reel (3000 pieces), and T for tape (250 pieces). (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. (2) Output voltages from 0.85 V to 5.0 V in 50-mV increments are available. Contact factory for details and availability. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) VALUE MIN MAX UNIT IN –0.3 +6.0 V Voltage(2) EN –0.3 +6.0 V OUT –0.3 +6.0 V Current (source) OUT Internally limited Output short-circuit duration Indefinite Operating junction, TJ –55 +150 °C Temperature Storage, Tstg –55 +150 °C Human body model (HBM) QSS 009-105 (JESD22-A114A) 2 kV Electrostatic Discharge Ratings(3) Charged device model (CDM) QSS 009-147 (JESD22-C101B.01) 500 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability. (2) All voltages are with respect to network ground terminal. (3) ESD testing is performed according to the respective JESD22 JEDEC standard. THERMAL INFORMATION TLV707xx, TLV707xxP THERMAL METRIC(1) DQN (DFN) UNITS 4 PINS θJA Junction-to-ambient thermal resistance 249.9 θJCtop Junction-to-case (top) thermal resistance N/A θJB Junction-to-board thermal resistance N/A °C/W ψJT Junction-to-top characterization parameter 6.0 ψJB Junction-to-board characterization parameter N/A θJCbot Junction-to-case (bottom) thermal resistance N/A (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A. DISSIPATION RATINGS PACKAGE RθJA TA < +25°C TA = +70°C TA = +85°C DQN 249.9°C/W 400 mW 220 mW 160 mW DCK 354.4°C/W 282 mW 155.2 mW 112.9 mW 2 Submit Documentation Feedback Copyright © 2011–2012, Texas Instruments Incorporated |
Similar Part No. - TLV70734PDQNR |
|
Similar Description - TLV70734PDQNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |