Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56428DDA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56428DDA
Description  4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56428DDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS56428DDA Datasheet HTML 2Page - Texas Instruments TPS56428DDA Datasheet HTML 3Page - Texas Instruments TPS56428DDA Datasheet HTML 4Page - Texas Instruments TPS56428DDA Datasheet HTML 5Page - Texas Instruments TPS56428DDA Datasheet HTML 6Page - Texas Instruments TPS56428DDA Datasheet HTML 7Page - Texas Instruments TPS56428DDA Datasheet HTML 8Page - Texas Instruments TPS56428DDA Datasheet HTML 9Page - Texas Instruments TPS56428DDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
(
)
IN
OUT
OUT
OUT(LL)
SW
IN
V
V
V
1
I
=
2
L
V
-
´
´
´
´ f
TPS56428
SLVSBV4A – APRIL 2013 – REVISED APRIL 2013
www.ti.com
OVERVIEW
The TPS56428 is a 4-A synchronous step-down (buck) converter with two integrated N-channel MOSFETs. It
operates using D-CAP2™ mode control. The fast transient response of D-CAP2™ control reduces the output
capacitance required to meet a specific level of performance. Proprietary internal circuitry allows the use of low
ESR output capacitors including ceramic and special polymer types. PG output can be used for sequence
operation.
DETAILED DESCRIPTION
PWM Operation
The main control loop of the TPS56428 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2™ mode control. D-CAP2™ mode control combines constant on-time control with
an internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
shot timer expires. This one shot is set by the converter input voltage, VIN, and the output voltage, VO, to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The
one-shot timer is reset and the high-side MOSFET is turned on again when the feedback voltage falls below the
reference voltage. An internal ramp is added to reference voltage to simulate output ripple, eliminating the need
for ESR induced output ripple from D-CAP2™ mode control.
PWM Frequency and Adaptive On-Time Control
TPS56428 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
TPS56428 runs with a pseudo-constant frequency of 650 kHz by using the input voltage and output voltage to
set the on-time one-shot timer. The on-time is inversely proportional to the input voltage and proportional to the
output voltage, therefore, when the duty ratio is VOUT/VIN, the frequency is constant.
Advanced Auto-Skip Eco-mode™ Control
The TPS56428 is designed with advanced auto-skip Eco-mode™ to increase higher light load efficiency. As the
output current decreases from heavy load condition, the inductor current is also reduced. If the output current is
reduced enough, the inductor current ripple valley reaches the zero level, which is the boundary between
continuous conduction and discontinuous conduction modes. The rectifying low-side MOSFET is turned off when
its zero inductor current is detected. As the load current further decreases the converter run into discontinuous
conduction mode. The on-time is kept approximately the same as is in continuous conduction mode. The off-time
increases as it takes more time to discharge the output capacitor to the level of the reference voltage with
smaller load current. The transition point to the light load operation IOUT(LL) current can be calculated in
Equation 1.
(1)
Soft Start and Pre-Biased Soft Start
The TPS56428 has an internal 1.0ms soft-start. When the EN pin becomes high, internal soft-start function
begins ramping up the reference voltage to the PWM comparator.
The TPS56428 contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than feedback voltage VFB), the controller slowly activates synchronous rectification by starting
the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a cycle-by-
cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter. This
scheme prevents the initial sinking of the pre-bias output, and ensure that the out voltage (VO) starts and ramps
up smoothly into regulation and the control loop is given time to transition from pre-biased start-up to normal
mode operation.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS56428


Similar Part No. - TPS56428DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56428DDA TI1-TPS56428DDA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS56428DDAR TI1-TPS56428DDAR Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
More results

Similar Description - TPS56428DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428 TI1-TPS54428 Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56528 TI-TPS56528 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com