Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65290 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65290
Description  LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65290 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65290 Datasheet HTML 1Page - Texas Instruments TPS65290 Datasheet HTML 2Page - Texas Instruments TPS65290 Datasheet HTML 3Page - Texas Instruments TPS65290 Datasheet HTML 4Page - Texas Instruments TPS65290 Datasheet HTML 5Page - Texas Instruments TPS65290 Datasheet HTML 6Page - Texas Instruments TPS65290 Datasheet HTML 7Page - Texas Instruments TPS65290 Datasheet HTML 8Page - Texas Instruments TPS65290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
10,000uF
MAX
LDO_IN
LDO
PWR_VMAX
PWR_BB1
CE
Zero Bias
VMICRO
State Machine
Serial
Interface
SPI/I2C
MOSI/SDA
MISO
CS
SCL/SCK
AGND
BB_LX1
BB_VIN
BB_OUT
PGND
PWR_VIN
BB_LX2
PWR_BB2
VMAX
PWR_LDO2
PWR_LDO1
1µF
1µF
0.1µF
1µF
0.1µF
0.1µF
0.1µF
BB_EN
3.3µH
1µF
GPIO
HOST
INT
VMICRO
INT MANAGEMENT
2.5-3.6
2.2µF
LDO_OUT
VIN
VIN
VMICRO
VMICRO
10µF
100nF
Low Iqq LDO
VIN
VIN
VIN
VIN
PMIC ENABLE
Deep sleep control
(DSC)
DSC
DSC
DSC
DSC
X
Y
PWR_BB1
0.1
BB=4.5V
Ω
PWR_AUX1_BB
0.6
BB=4.5V
Ω
PWR_BB2
0.6Ω
PWR_BB_LDO
PWR_LDO1
0.3
VLDO=2.8V
Ω
PWR_LDO2
0.6
VLDO=2.8V
Ω
PWR_MICRO_LDO
0.6
VLDO=2.8V
Ω
PWR_Vin
1
VIN=3.6V
Ω
BUCK BOOST (BB)
CHIP_EN*
GPIO
10MΩ
10MΩ
VMAX
LDO_IN
Buck mini
If buck mini is enabled
Do not fit cap
Fit inductor
10kΩ
10kΩ
100kΩ
100kΩ
100kΩ
100kΩ
CHIP_EN
*I2C MODE
*I2C MODE = Factory configured
Recovery
comparator
3.3µH
TPS65290
www.ti.com
SLVSBY5B – APRIL 2013 – REVISED JUNE 2013
FUNCTION BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65290


Similar Part No. - TPS65290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
TPS65290BMRHFR TI1-TPS65290BMRHFR Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
TPS65290BMRHFT TI1-TPS65290BMRHFT Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
TPS65290LMRHFR TI1-TPS65290LMRHFR Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
TPS65290LMRHFT TI1-TPS65290LMRHFT Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
More results

Similar Description - TPS65290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com