Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65290ZBRHFR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65290ZBRHFR
Description  LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65290ZBRHFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65290ZBRHFR Datasheet HTML 5Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 6Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 7Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 8Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 9Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 10Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 11Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 12Page - Texas Instruments TPS65290ZBRHFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
TPS65290
www.ti.com
SLVSBY5B – APRIL 2013 – REVISED JUNE 2013
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
(1)
MIN
MAX
UNIT
Human body model (HBM)
2000
V
Charge device model (CDM)
500
V
(1)
SW_OUT1/2 pins’ human body model (HBM) ESD protection rating 4 kV, and machine model (MM) rating 200V.
DISSIPATION RATINGS
TA = 25°C
TA = 85°C
PACKAGE
θJC (°C/W)
θJA (°C/W)
Power Rating (W)
Power Rating (W)
RHF
29
30.6
3.26
1.30
ELECTRICAL CHARACTERISTICS
TJ = -40°C to 125°C, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY UVLO AND INTERNAL SUPPLY
Input voltage range for all blocks to be
VBAT
2.2
5
V
operational
Zero bias mode
100
LDOMINI mode
400
Quiescent current always on blocks
BUCKMINI mode
300
IDDQ
Factory configured
nA
CHIP_EN=0
VIN = 3.6V LDO enabled
5
VIN = 3.6V, BB enabled VBB_OUT = 4.5V
40
PFM mode
RECOVERY VOLTAGE COMPARATOR
Rising VIN 8 steps 0.1V threshold
2.4
3.1
Threshold voltage serial interface
COMPRVLEVEL
V
selectable
Falling VIN 8 steps 0.1V threshold
1.7
2.4
COMPRVACCURACY
Comparator accuracy
3
%
Buck boost enabled
10
IQQCOMPRV
µA
Buck boost disabled
10
ENABLE PINS (CE, BB_EN)
VH
Enable high
VMICRO = 2.2 TO 2.8V
1.2
V
VL
Enable Low
VMICRO = 2.2 TO 2.8V
0.4
V
BUCK-BOOST (BB)
VIN
Input voltage range
1.8
5
V
Start-up voltage, no load VBB<4.5
-40°C
≤ TA ≤ 85°C
1.8
VINSTART_UP
V
Start-up voltage, no load VBB>4.5
-40°C
≤ TA ≤ 85°C
2.5
The minimum input voltage in which the
VINSUSTAIN
(1)
buck-boost converter sustains it’s
-40°C
≤ TA ≤ 85°C
1.8
V
operation after starting up
DC output accuracy (PWM mode)
TJ = 25°C
-3
3
VBB
Maximum line regulation
VIN = 3 to 3.6V IOUT = 300mA
0.5
%
Maximum load regulation
IO = 100 to 500mA
0.5
VBBOUTRANGE
29 steps 0.1V from 1 to 5V
1
5
V
f
Oscillator frequency
1600
kHz
DUTYBUCK_MIN
Minimum duty cycle in buck mode
25
30
%
Average high side switch current limit
VIN = 3.6 V, TA = 25°C
2400
mA
ISW
High side switch on resistance
VIN = 3.6 V, TA = 25°C
120
m
Low side switch on resistance
VIN = 3.6 V, TA = 25°C
120
m
tSTR_BB
Startup time
IOUT = 150mA, COUT = 2X 4.7µF, VOUT = 4.0V
500
µs
LDO
VLDO_IN
Input voltage range
Full load operation
2.2
5
V
VLDO_OUT_RANGE
32 steps 0.1V from 1 to 4V
1
4
V
(1)
Specified by design.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65290


Similar Part No. - TPS65290ZBRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290ZBRHFR TI1-TPS65290ZBRHFR Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
More results

Similar Description - TPS65290ZBRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com