Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92023D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92023D
Description  Resonant-Switching Driver Controller for LED Lighting
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92023D Datasheet(HTML) 3 Page - Texas Instruments

  TPS92023D Datasheet HTML 1Page - Texas Instruments TPS92023D Datasheet HTML 2Page - Texas Instruments TPS92023D Datasheet HTML 3Page - Texas Instruments TPS92023D Datasheet HTML 4Page - Texas Instruments TPS92023D Datasheet HTML 5Page - Texas Instruments TPS92023D Datasheet HTML 6Page - Texas Instruments TPS92023D Datasheet HTML 7Page - Texas Instruments TPS92023D Datasheet HTML 8Page - Texas Instruments TPS92023D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS92023
www.ti.com
SLUSBH3 – JUNE 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VVCC
VCC input voltage from a low-impedance source
11.5
18.0
V
RRT
RT resistor
1
8.666
k
RDT
DT resistor
3.3
39
CSS
SS capacitor
0.01
1
μF
THERMAL INFORMATION
TPS92023
THERMAL METRIC(1)
D (SOIC)
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance(2)
117.3
θJCtop
Junction-to-case (top) thermal resistance(3)
63.4
θJB
Junction-to-board thermal resistance(4)
57.5
°C/W
ψJT
Junction-to-top characterization parameter(5)
15.2
ψJB
Junction-to-board characterization parameter(6)
57.0
θJCbot
Junction-to-case (bottom) thermal resistance(7)
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS92023


Similar Part No. - TPS92023D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020D TI-TPS92020D Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
TPS92020DR TI-TPS92020DR Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
More results

Similar Description - TPS92023D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com