Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70712PDQNT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70712PDQNT
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70712PDQNT Datasheet(HTML) 1 Page - Texas Instruments

  TLV70712PDQNT Datasheet HTML 1Page - Texas Instruments TLV70712PDQNT Datasheet HTML 2Page - Texas Instruments TLV70712PDQNT Datasheet HTML 3Page - Texas Instruments TLV70712PDQNT Datasheet HTML 4Page - Texas Instruments TLV70712PDQNT Datasheet HTML 5Page - Texas Instruments TLV70712PDQNT Datasheet HTML 6Page - Texas Instruments TLV70712PDQNT Datasheet HTML 7Page - Texas Instruments TLV70712PDQNT Datasheet HTML 8Page - Texas Instruments TLV70712PDQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TLV707 Series
DQN PACKAGE
1-mm
1-mm DFN-4
(TOP VIEW)
´
OUT
GND
IN
EN
4
1
3
2
Thermal
Pad
TLV707Series
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
TLV707 Series
www.ti.com
SBVS153C – FEBRUARY 2011 – REVISED NOVEMBER 2012
200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator
for Portable Devices
1
FEATURES
DESCRIPTION
The TLV707 series (TLV707xx and TLV707xxP) of
2
Very Low Dropout: 250 mV at 150 mA
low-dropout
linear
regulators
(LDOs)
are
low
0.5% Typical Accuracy
quiescent current devices with excellent line and load
1.5% Accuracy over Temperature
transient performance, and are designed for power-
sensitive applications. These devices provide a
Low IQ: 25 μA
typical accuracy of 0.5%. All versions have thermal
Fixed-Output Voltage Combinations Possible
shutdown and overcurrent protection for safety.
from 0.85 V to 5.0 V(1)
Furthermore, these devices are stable with an
High PSRR:
effective output capacitance of only 0.1 µF. This
feature enables the use of cost-effective capacitors
70 dB at 100 Hz
that have higher bias voltages and temperature
50 dB at 1 MHz
derating. These devices also regulate to the specified
Stable with Effective Capacitance of 0.1
μF(2)
accuracy with no output load.
Thermal Shutdown and Overcurrent Protection
The TLV707xxP also provides an active pull-down
Package: 1-mm × 1-mm DFN (SON)
circuit to quickly discharge the outputs.
(1)
See Package Option Addendum at end of this document for
The TLV707 series are available in a 1-mm x 1-mm
complete list of available voltage options.
DFN (SON) package that makes them ideal for
(2)
See Input and Output Capacitor Requirements in the
handheld applications.
Application Information section for more details.
APPLICATIONS
Typical Application Circuit
Wireless Handsets, Smart Phones, and PDAs
(Fixed Voltage Versions)
MP3 Players and Other Handheld Devices
WLAN and Other PC Add-On Cards
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV70712PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70712PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com