Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70712PDQNT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70712PDQNT
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70712PDQNT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV70712PDQNT Datasheet HTML 7Page - Texas Instruments TLV70712PDQNT Datasheet HTML 8Page - Texas Instruments TLV70712PDQNT Datasheet HTML 9Page - Texas Instruments TLV70712PDQNT Datasheet HTML 10Page - Texas Instruments TLV70712PDQNT Datasheet HTML 11Page - Texas Instruments TLV70712PDQNT Datasheet HTML 12Page - Texas Instruments TLV70712PDQNT Datasheet HTML 13Page - Texas Instruments TLV70712PDQNT Datasheet HTML 14Page - Texas Instruments TLV70712PDQNT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
3.1
3.8
InputVoltage(V)
70
60
50
40
30
20
10
0
1kHz
1MHz
V
=2.8V
I
=30mA
OUT
OUT
3.2
3.3
3.4
3.5
3.6
3.7
3.1
3.8
InputVoltage(V)
70
60
50
40
30
20
10
0
1kHz
1MHz
V
=2.8V
I
=150mA
OUT
OUT
3.2
3.3
3.4
3.5
3.6
3.7
10
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
V
=2.8V
OUT
100
1k
10k
100k
1M
I
=30mA
I
=150mA
OUT
OUT
10
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
V
=5.0V
OUT
100
1k
10k
100k
1M
I
=30mA
I
=150mA
OUT
OUT
InputVoltage(V)
450
425
400
375
350
325
300
275
250
V
=5.0V
OUT
3.1
5.5
3.7
4.3
4.9
+25 C
°
-40 C
°
10
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
V
=1.2V
OUT
100
1k
10k
100k
1M
I
=30mA
I
=150mA
OUT
OUT
TLV707 Series
www.ti.com
SBVS153C – FEBRUARY 2011 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
At VIN = VOUT(TYP) + 0.5 V or 2.0 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF, and TA = –40°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.
CURRENT LIMIT vs INPUT VOLTAGE
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 33.
Figure 34.
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 35.
Figure 36.
POWER-SUPPLY RIPPLE REJECTION vs INPUT VOLTAGE
POWER-SUPPLY RIPPLE REJECTION vs INPUT VOLTAGE
Figure 37.
Figure 38.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TLV70712PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV70712PDQNT TI1-TLV70712PDQNT Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70712PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com