Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1011-MAH Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT42QT1011-MAH
Description  Single-key QTouch짰 Touch Sensor IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1011-MAH Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT42QT1011-MAH Datasheet HTML 3Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 4Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 5Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 6Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 7Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 8Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 9Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 10Page - ATMEL Corporation AT42QT1011-MAH Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
AT42QT1010 [DATASHEET]
9542I–AT42–05/2013
3.
Operation Specifics
3.1
Run Modes
3.1.1
Introduction
The QT1011 has three running modes which depend on the state of the SYNC pin (high or low).
3.1.2
Fast Mode
The QT1011 runs in Fast mode if the SYNC pin is permanently high. In this mode the QT1011 runs at maximum
speed at the expense of increased current consumption. Fast mode is useful when speed of response is the prime
design requirement. The delay between bursts in Fast mode is approximately 1 ms, as shown in Figure 3-1.
Figure 3-1.
Fast Mode Bursts (SYNC Held High)
3.1.3
Low Power Mode
The QT1011 runs in Low Power (LP) mode if the SYNC pin is held low. In this mode it sleeps for approximately
80 ms at the end of each burst, saving power but slowing response. On detecting a possible key touch, it temporarily
switches to Fast mode until either the key touch is confirmed or found to be spurious (via the detect integration
process). It then returns to LP mode after the key touch is resolved, as shown in Figure 3-2.
Figure 3-2.
Low Power Mode (SYNC Held Low)
SNSK
SYNC
~1 ms
sleep
sleep
SYNC
SNSK
sleep
fast detect
integrator
OUT
~80 ms


Similar Part No. - AT42QT1011-MAH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1011-TSHR ATMEL-AT42QT1011-TSHR Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
More results

Similar Description - AT42QT1011-MAH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1070 ATMEL-AT42QT1070 Datasheet
423Kb / 34P
   Seven-channel QTouch짰 Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT2160 ATMEL-AT42QT2160_14 Datasheet
573Kb / 51P
   16-key QMatrix Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com