Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VNQ5E050KTR-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNQ5E050KTR-E
Description  Quad channel high side driver for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5E050KTR-E Datasheet(HTML) 2 Page - STMicroelectronics

  VNQ5E050KTR-E Datasheet HTML 1Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 2Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 3Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 4Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 5Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 6Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 7Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 8Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Contents
VNQ5E050K-E
2/34
Doc ID 13494 Rev 5
Contents
1
Block diagram and pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.4
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.5
Electrical characteristics curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
3
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
3.1
Gnd protection network against reverse battery . . . . . . . . . . . . . . . . . . . . 22
3.1.1
Solution 1: resistor in the ground line (Rgnd only) . . . . . . . . . . . . . . . . . 22
3.1.2
Solution 2: diode (DGND) in the ground line . . . . . . . . . . . . . . . . . . . . . 23
3.2
Load dump protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.3
MCU I/Os protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.4
Open-load detection in off-state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
3.5
Maximum demagnetization energy (VCC = 13.5V) . . . . . . . . . . . . . . . . . 25
4
Package and PCB thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
4.1
PowerSSO-24 thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
5
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
5.1
ECOPACK® packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
5.2
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
6
Packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
6.1
PowerSSO-24 package packing information . . . . . . . . . . . . . . . . . . . . . . 31
7
Order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33


Similar Part No. - VNQ5E050KTR-E

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VNQ5E050AK-E STMICROELECTRONICS-VNQ5E050AK-E Datasheet
657Kb / 37P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ5E050MK-E STMICROELECTRONICS-VNQ5E050MK-E Datasheet
473Kb / 36P
   Quad channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VNQ5E050KTR-E

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E_09 Datasheet
606Kb / 34P
   Quad channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5E160STR-E STMICROELECTRONICS-VN5E160STR-E Datasheet
630Kb / 34P
   Single channel high side driver for automotive applications
VN5E160S-E STMICROELECTRONICS-VN5E160S-E Datasheet
615Kb / 34P
   Single channel high side driver for automotive applications
VN5E050J-E STMICROELECTRONICS-VN5E050J-E Datasheet
713Kb / 34P
   Single channel high side driver for automotive applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com