Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5295IPFP Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 2Page - Texas Instruments ADS5295IPFP Datasheet HTML 3Page - Texas Instruments ADS5295IPFP Datasheet HTML 4Page - Texas Instruments ADS5295IPFP Datasheet HTML 5Page - Texas Instruments ADS5295IPFP Datasheet HTML 6Page - Texas Instruments ADS5295IPFP Datasheet HTML 7Page - Texas Instruments ADS5295IPFP Datasheet HTML 8Page - Texas Instruments ADS5295IPFP Datasheet HTML 9Page - Texas Instruments ADS5295IPFP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
DIGITAL CHARACTERISTICS
The dc specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level '0' or '1'. AVDD = 1.8 V and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, CS, SYNC, PDN)
All pins support 1.8-V and 3.3-V CMOS
VIH
High-level input voltage
1.3
V
logic levels
All pins support 1.8-V and 3.3-V CMOS
VIL
Low-level input voltage
0.4
V
logic levels
IIH
High-level input current
CS, SDATA, SCLK(1)
VHIGH = 1.8 V
6
µA
IIL
Low-level input current
CS, SDATA, SCLK(1)
VLOW = 0 V
0.1
µA
DIGITAL OUTPUTS (CMOS INTERFACE: SDOUT)
VOH
High-level output voltage
AVDD – 0.1
V
VOL
Low-level output voltage
0.1
V
DIGITAL OUTPUTS (LVDS INTERFACE: OUT1A_P, OUT1A_N to OUT8A_P, OUT8A_N and OUT1B_P, OUT1B_N to OUT8B_P, OUT8B_N)
VODH
High-level output differential voltage(2)
300
485
mV
VODL
Low-level output differential voltage(2)
-485
-300
mV
VOCM
Output common-mode voltage
0.95
1.35
V
(1)
CS, SDATA, and SCLK have an internal 220-k
Ω pull-down resistor.
(2)
With an external 100-
Ω termination.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295


Similar Part No. - ADS5295IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFP TI1-ADS5292IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFP TI1-ADS5292IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFPR TI1-ADS5292IPFPR Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
More results

Similar Description - ADS5295IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com