Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4700-1 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4700-1
Description  High Voltage, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4700-1 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4700-1 Datasheet HTML 2Page - Analog Devices ADA4700-1 Datasheet HTML 3Page - Analog Devices ADA4700-1 Datasheet HTML 4Page - Analog Devices ADA4700-1 Datasheet HTML 5Page - Analog Devices ADA4700-1 Datasheet HTML 6Page - Analog Devices ADA4700-1 Datasheet HTML 7Page - Analog Devices ADA4700-1 Datasheet HTML 8Page - Analog Devices ADA4700-1 Datasheet HTML 9Page - Analog Devices ADA4700-1 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADA4700-1
Preliminary Technical Data
Rev. PrB | Page 10 of 10
OUTLINE DIMENSIONS
Figure 3. 8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
Narrow Body
(RD-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
Branding
ADA4700-1ARDZ
−40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-2
??
ADA4700-1ARDZ-R7
−40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-2
ADA4700-1ARDZ-RL
−40°C to +85°C
8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
RD-8-2
1 Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MS-012-A A
1.27
0.40
1.75
1.35
2.41
0.356
0.457
4.00
3.90
3.80
6.20
6.00
5.80
5.00
4.90
4.80
0.10 MAX
0.05 NOM
3.81 REF
0.25
0.17
0.50
0.25
45°
COPLANARITY
0.10
1.04 REF
8
1
4
5
1.27 BSC
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
BOTTOM VIEW
TOP VIEW
0.51
0.31
1.65
1.25
3.098
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR11551-0-6/13(PrB)


Similar Part No. - ADA4700-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-1 AD-ADA4000-1 Datasheet
84Kb / 8P
   Low Cost, Precision JFET Input Operational Amplifier in TSOT
Rev. PrA
ADA4000-1 AD-ADA4000-1 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
84Kb / 8P
   Low Cost, Precision JFET Input Operational Amplifier in TSOT
Rev. PrA
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
More results

Similar Description - ADA4700-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
   High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
   Precision, High Speed Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
   Precision Low Voltage Micropower Operational Amplifier
2006
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
   PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
   HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com