Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7160 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7160
Description  Ultralow Noise, 200 mA Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7160 Datasheet HTML 3Page - Analog Devices ADM7160 Datasheet HTML 4Page - Analog Devices ADM7160 Datasheet HTML 5Page - Analog Devices ADM7160 Datasheet HTML 6Page - Analog Devices ADM7160 Datasheet HTML 7Page - Analog Devices ADM7160 Datasheet HTML 8Page - Analog Devices ADM7160 Datasheet HTML 9Page - Analog Devices ADM7160 Datasheet HTML 10Page - Analog Devices ADM7160 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM7160
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 2.9 V, VOUT = 2.5 V, ILOAD = 1 mA, CIN = COUT = 4.7 µF, TA = 25°C, unless otherwise noted.
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
NOISE FLOOR
Figure 4. Noise Spectral Density at Various Output Voltages, ILOAD = 10 mA
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
NOISE FLOOR
Figure 5. Noise Spectral Density at Various Output Voltages, ILOAD = 200 mA
1
10
100
1k
10k
0.1
1
10
100
1k
FREQUENCY (Hz)
Figure 6. Noise Spectral Density, 0.1 Hz to 1 kHz
1
10
100
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
Figure 7. RMS Noise vs. Load Current, 10 Hz to 100 kHz
1
10
100
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
Figure 8. RMS Noise vs. Load Current, 10 Hz to 1 MHz


Similar Part No. - ADM7160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
ADM7160 AD-ADM7160 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
ADM7160 AD-ADM7160 Datasheet
1,022Kb / 23P
   High PSRR, RF Linear Regulator
ADM7160 AD-ADM7160 Datasheet
1Mb / 47P
   20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results

Similar Description - ADM7160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
   Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
logo
Texas Instruments
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
logo
Analog Devices
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
   600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com