Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8405 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8405
Description  Unipolar Pseudo-Differential Input, 0 V to Vref, 16-Bit NMC at 1.25 MSPS, 짹2 LSB INL Max, -1/1.5 LSB DNL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8405 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8405 Datasheet HTML 4Page - Texas Instruments ADS8405 Datasheet HTML 5Page - Texas Instruments ADS8405 Datasheet HTML 6Page - Texas Instruments ADS8405 Datasheet HTML 7Page - Texas Instruments ADS8405 Datasheet HTML 8Page - Texas Instruments ADS8405 Datasheet HTML 9Page - Texas Instruments ADS8405 Datasheet HTML 10Page - Texas Instruments ADS8405 Datasheet HTML 11Page - Texas Instruments ADS8405 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
ADS8405
SLAS427 – DECEMBER 2004
Terminal Functions
NAME
NO.
I/O
DESCRIPTION
AGND
5, 8, 11, 12, 14,
Analog ground
15, 44, 45
BDGND
25, 35
Digital ground for bus interface digital supply
BUSY
36
O
Status output. High when a conversion is in progress.
BYTE
39
I
Byte select input. Used for 8-bit bus reading. 0: No fold back 1: Low byte D[7:0] of the 16 most
significant bits is folded back to high byte of the 16 most significant pins DB[15:8].
CONVST
40
I
Convert start. The falling edge of this input ends the acquisition period and starts the hold
period.
CS
42
I
Chip select. The falling edge of this input starts the acquisition period.
8-Bit Bus
16-Bit Bus
Data Bus
BYTE = 0
BYTE = 1
BYTE = 0
DB15
16
O
D15 (MSB)
D7
D15 (MSB)
DB14
17
O
D14
D6
D14
DB13
18
O
D13
D5
D13
DB12
19
O
D12
D4
D12
DB11
20
O
D11
D3
D11
DB10
21
O
D10
D2
D10
DB9
22
O
D9
D1
D9
DB8
23
O
D8
D0 (LSB)
D8
DB7
26
O
D7
All ones
D7
DB6
27
O
D6
All ones
D6
DB5
28
O
D5
All ones
D5
DB4
29
O
D4
All ones
D4
DB3
30
O
D3
All ones
D3
DB2
31
O
D2
All ones
D2
DB1
32
O
D1
All ones
D1
DB0
33
O
D0 (LSB)
All ones
D0 (LSB)
–IN
7
I
Inverting input channel
+IN
6
I
Noninverting input channel
NC
3
No connection
REFIN
1
I
Reference input
REFM
47, 48
I
Reference ground
REFOUT
2
O
Reference output. Add 1-µF capacitor between the REFOUT pin and REFM pin when the
internal reference is used.
RESET
38
I
Current conversion is aborted and output latches are cleared (set to zeros) when this pin is
asserted low. RESET works independantly of CS.
RD
41
I
Synchronization pulse for the parallel output. When CS is low, this serves as the output enable
and puts the previous conversion result on the bus.
+VA
4, 9, 10, 13, 43,
Analog power supplies, 5-V dc
46
+VBD
24, 34, 37
Digital power supply for bus
8


Similar Part No. - ADS8405

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8405 BURR-BROWN-ADS8405 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8405 TI-ADS8405 Datasheet
959Kb / 29P
[Old version datasheet]   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
ADS8405 TI-ADS8405 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8405IBPFBR TI-ADS8405IBPFBR Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8405IBPFBRG4 TI-ADS8405IBPFBRG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results

Similar Description - ADS8405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
AD7677 AD-AD7677 Datasheet
322Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV. 0
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
AD7622BSTZ AD-AD7622BSTZ Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7676 AD-AD7676 Datasheet
321Kb / 20P
   16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV. 0
AD7622 AD-AD7622 Datasheet
589Kb / 29P
   1.5 LSB INL, 2 MSPS PulSAR ADC
AD5781 AD-AD5781 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com