Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 4 Page - Texas Instruments

  AMC7812 Datasheet HTML 1Page - Texas Instruments AMC7812 Datasheet HTML 2Page - Texas Instruments AMC7812 Datasheet HTML 3Page - Texas Instruments AMC7812 Datasheet HTML 4Page - Texas Instruments AMC7812 Datasheet HTML 5Page - Texas Instruments AMC7812 Datasheet HTML 6Page - Texas Instruments AMC7812 Datasheet HTML 7Page - Texas Instruments AMC7812 Datasheet HTML 8Page - Texas Instruments AMC7812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
AMC7812
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +105°C, AVDD = DVDD = 4.5V to 5.5V, AVCC = +15V, AGND = DGND = 0V, IOVDD = 2.7V to 5.5V, internal
2.5V reference, and the DAC output span = 0V to 5V, unless otherwise noted.
AMC7812
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output current (sourcing/sinking)
±5
mA
TA = +25°C, f = 1kHz
260
nV/
√Hz
Output voltage noise
f = 0.1Hz to 10Hz
13
µVPP
ADC PERFORMANCE
ADC DC ACCURACY (for AVDD = 5V)
Resolution
12
Bits
INL
Integral nonlinearity
±0.5
±1
LSB
DNL
Differential nonlinearity
±0.5
±1
LSB
Single-Ended Mode
Offset error
±1
±3
LSB
Offset error match
±0.4
LSB
Gain error
External reference
±1
±5
LSB
Gain error match
±0.4
LSB
Differential Mode
External reference, 0V to (2 · VREF) mode, VCM =
±2
±5
LSB
2.5V
Gain error
External reference, 0V to VREF mode,
±1
±5
LSB
VCM = 1.25V
Gain error match
±0.5
LSB
0V to (2 · VREF) mode, VCM = 2.5V
±1
±3
LSB
Zero code error
External reference, 0V to VREF mode,
±1
±3
LSB
VCM = 1.25V
Zero code error match
±0.5
LSB
Common mode rejection
DC, 0V to (2 · VREF) mode
67
dB
SAMPLING DYNAMICS
External single analog channel, auto mode
500
kSPS
Conversion rate
External single analog channel, direct mode
167
kSPS
Conversion time(4)
External single analog channel
2
µs
Autocycle update rate(4)
All 16 single-ended inputs enabled
32
µs
Throughput rate
SPI clock 12MHz or greater, single channel
500
kSPS
ANALOG INPUT(5)
Single-ended, 0V to VREF
0
VREF
V
Single-ended, 0V to (2 · VREF)
0
2 · VREF
V
Full-scale input voltage
VIN+ – VIN-, fully-differential, 0V to VREF
–VREF
+VREF
V
VIN+ – VIN-, fully-differential, 0V to (2 · VREF)
–2 · VREF
2 · VREF
V
Absolute input voltage
GND - 0.2
AVDD + 0.2
V
0V to VREF mode
118
Input capacitance(4)
pF
0V to (2 · VREF) mode
73
DC input leakage current
Unselected ADC input
±10
µA
ADC REFERENCE INPUT
Reference input voltage range
1.2
AVDD
V
Input current
VREF = 2.5V
145
µA
INTERNAL ADC REFERENCE BUFFER
Offset
TA = +25°C
±5
mV
(4)
Sampled during initial release to ensure compliance; not subject to production testing.
(5)
VIN+ or VIN– must remain within GND - 0.2V and AVDD + 0.2V. See Analog Inputs section.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: AMC7812


Similar Part No. - AMC7812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812 TI-AMC7812 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI1-AMC7812B Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results

Similar Description - AMC7812

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
PHV3.5W BELLNIX-PHV3.5W Datasheet
252Kb / 4P
   0V to 350V PHV Series
logo
Linear Technology
LTC1458 LINER-LTC1458_1 Datasheet
173Kb / 12P
   Quad 12-Bit Rail-to-RailvMicropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com