Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 5 Page - Texas Instruments

  AMC7812 Datasheet HTML 1Page - Texas Instruments AMC7812 Datasheet HTML 2Page - Texas Instruments AMC7812 Datasheet HTML 3Page - Texas Instruments AMC7812 Datasheet HTML 4Page - Texas Instruments AMC7812 Datasheet HTML 5Page - Texas Instruments AMC7812 Datasheet HTML 6Page - Texas Instruments AMC7812 Datasheet HTML 7Page - Texas Instruments AMC7812 Datasheet HTML 8Page - Texas Instruments AMC7812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +105°C, AVDD = DVDD = 4.5V to 5.5V, AVCC = +15V, AGND = DGND = 0V, IOVDD = 2.7V to 5.5V, internal
2.5V reference, and the DAC output span = 0V to 5V, unless otherwise noted.
AMC7812
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL TEMPERATURE SENSOR
Operating range
–40
+125
°C
AVDD = 5V, TA = –40°C to +125°C
±1.25
±2.5
°C
Accuracy
AVDD = 5V, TA = 0°C to +100°C
±1.5
°C
Resolution
Per LSB
0.125
°C
Conversion rate
External temperature sensors are disabled
15
ms
EXTERNAL TEMPERATURE SENSOR (Using 2N3906 external transistor)
Operating range
Limited by external diode
–40
+150
°C
AVDD = 5V, TA = 0°C to +100°C,
±1.5
°C
TD = –40°C to +150°C
Accuracy(6)(7)
AVDD = 5V, TA = –40°C to +100°C,
±2
°C
TD = –40°C to +150°C
Resolution
Per LSB
0.125
°C
With resistance cancellation
72
93
100
ms
(RC bit = '1')
Conversion rate per sensor
Without resistance cancellation
33
44
47
ms
(RC bit = '0')
DIGITAL LOGIC: GPIO(8)(9) and ALARM
IOVDD = +5V
2.1
0.3 + IOVDD
V
VIH
Input high voltage
IOVDD = +3.3V
2.1
0.3 + IOVDD
V
IOVDD = +5V
–0.3
0.8
V
VIL
Input low voltage
IOVDD = +3.3V
–0.3
0.8
V
IOVDD = +5V, sinking 5mA
0.4
V
VOL
Output low voltage
IOVDD = +3.3V, sinking 2mA
0.4
V
High-impedance leakage
5
µA
High-impedance output capacitance
10
pF
DIGITAL LOGIC: All Except SCL, SDA, ALARM, and GPIO
IOVDD = +5V
2.1
0.3 + IOVDD
V
VIH
Input high voltage
IOVDD = +3.3V
2.1
0.3 + IOVDD
V
IOVDD = +5V
–0.3
0.8
V
VIL
Input low voltage
IOVDD = +3.3V
–0.3
0.8
V
Input current
±1
µA
Input capacitance
5
pF
IOVDD = +5V, sourcing 3mA
4.8
V
VOH
Output high voltage
IOVDD = +3.3V, sourcing 3mA
2.9
V
IOVDD = +5V, sinking 3mA
0.4
V
VOL
Output low voltage
IOVDD = +3.3V, sinking 3mA
0.4
V
High-impedance leakage
±5
µA
High-impedance output capacitance
10
pF
(6)
TD is the external diode temperature.
(7)
Auto conversion mode disabled
(8)
For pins GPIO0-3, the external pull up resistor must be connected to a voltage less than or equal to 5.5V.
(9)
For pins GPIO4-7, the external pull up resistor must be connected to a voltage less than or equal to AVDD.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC7812


Similar Part No. - AMC7812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812 TI-AMC7812 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI1-AMC7812B Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results

Similar Description - AMC7812

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
PHV3.5W BELLNIX-PHV3.5W Datasheet
252Kb / 4P
   0V to 350V PHV Series
logo
Linear Technology
LTC1458 LINER-LTC1458_1 Datasheet
173Kb / 12P
   Quad 12-Bit Rail-to-RailvMicropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com