Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5063 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5063
Description  Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5063 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5063 Datasheet HTML 4Page - Analog Devices ADP5063 Datasheet HTML 5Page - Analog Devices ADP5063 Datasheet HTML 6Page - Analog Devices ADP5063 Datasheet HTML 7Page - Analog Devices ADP5063 Datasheet HTML 8Page - Analog Devices ADP5063 Datasheet HTML 9Page - Analog Devices ADP5063 Datasheet HTML 10Page - Analog Devices ADP5063 Datasheet HTML 11Page - Analog Devices ADP5063 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADP5063
Data Sheet
Rev. 0 | Page 8 of 44
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN1, VIN2, VIN3 to AGND
–0.5 V to +20 V
All Other Pins to AGND
–0.3 V to +6 V
Continuous Drain Current, Battery Supple-
mentary Mode, from ISO_Bx to ISO_Sx
2.1 A
Storage Temperature Range
–65°C to +150°C
Operating Junction Temperature Range
–40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in a circuit board for surface-
mount packages.
Table 5.
Package Type
θJA
θJC
Unit
20-Lead LFCSP
35.6
3.65
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the ADP5063 package
is limited by the associated rise in junction temperature (TJ) on
the die. At a die temperature of approximately 150°C (the glass
transition temperature), the properties of the plastic change.
Even temporarily exceeding this temperature limit may change
the stresses that the package exerts on the die, thereby perma-
nently shifting the parametric performance of the ADP5063.
Exceeding a junction temperature of 175°C for an extended
period can result in changes in the silicon devices, potentially
causing failure.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADP5063

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5062ACPZ-1-R7 AD-ADP5062ACPZ-1-R7 Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5062ACPZ-2-R7 AD-ADP5062ACPZ-2-R7 Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5062CP-EVALZ AD-ADP5062CP-EVALZ Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
More results

Similar Description - ADP5063

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
   Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
ADP5065 AD-ADP5065 Datasheet
964Kb / 40P
   Fast Charge Battery Manager with Power Path and USB Compatibility
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
   500mA LiFePO4 Battery Charger
REV 1.1
CN3058E CONSONANCE-CN3058E Datasheet
273Kb / 11P
   1A LiFePO4 Battery Charger
logo
Linear Technology
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
   Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Texas Instruments
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Linear Technology
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
   Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Texas Instruments
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com