Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR225 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR225
Description  210?C Precision Micropower Voltage Reference
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR225 Datasheet(HTML) 2 Page - Analog Devices

  ADR225 Datasheet HTML 1Page - Analog Devices ADR225 Datasheet HTML 2Page - Analog Devices ADR225 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADR225
Preliminary Technical Data
Rev. PrA | Page 2 of 3
ELECTRICAL CHARACTERISTICS
@ VS = 3.3V, TMin< TA < TMax , unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
SOIC −40°C ≤ TA ≤ +175°C
CFP −40°C ≤ TA ≤ +210°C
SUPPLY CURRENT
INITIAL ACCURACY1
Isy
VO
No load
IOUT = 0 mA
30
±2
50
±10
35
±2
μA
mV
TEMPERATURE
COEFFICIENT2
TCVO/°C
IOUT = 0 mA
10
30
20
ppm/°C
LINE REGULATION
ΔVO/ΔVIN
3.0 V ≤ VS ≤ 15 V, IOUT = 0
mA
5
40
5
ppm/V
LOAD REGULATION3
ΔVO/ΔVLOAD
VS = 5.0 V, 0 mA ≤ IOUT ≤ 10
mA
10
40
10
ppm/mA
DROPOUT VOLTAGE
VS − VO
ILOAD = 10 mA
1.00
1.00
V
NOISE VOLTAGE
eN
0.1 Hz to 10 Hz
25
25
μV p-p
1 For proper operation, a 1 μF capacitor is required between the output pin and the GND pin of the device.
2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/°C.
TCVO = (VMAX
− VMIN)/VO(TMAX − TMIN)
3 Load regulation specification includes the effect of self-heating.


Similar Part No. - ADR225

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR225HFZ AD-ADR225HFZ Datasheet
217Kb / 12P
   High Temperature, Low Drift, Micropower 2.5 V Reference
REV. A
ADR225HRZN AD-ADR225HRZN Datasheet
217Kb / 12P
   High Temperature, Low Drift, Micropower 2.5 V Reference
REV. A
More results

Similar Description - ADR225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
   Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4040A10 TI1-LM4040A10_16 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
logo
STMicroelectronics
LM4041 STMICROELECTRONICS-LM4041 Datasheet
646Kb / 16P
   Precision micropower shunt voltage reference
February 2014 Rev 4
logo
Texas Instruments
LM4040-EP TI1-LM4040-EP Datasheet
778Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041-N TI1-LM4041-N_16 Datasheet
1Mb / 45P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
TL4051 TI-TL4051_15 Datasheet
1,022Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com