Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF154 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF154
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF154 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF154 Datasheet HTML 1Page - Motorola, Inc MRF154 Datasheet HTML 2Page - Motorola, Inc MRF154 Datasheet HTML 3Page - Motorola, Inc MRF154 Datasheet HTML 4Page - Motorola, Inc MRF154 Datasheet HTML 5Page - Motorola, Inc MRF154 Datasheet HTML 6Page - Motorola, Inc MRF154 Datasheet HTML 7Page - Motorola, Inc MRF154 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF154
MOTOROLA RF DEVICE DATA
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. DC Safe Operating Area
Figure 5. Capacitance versus Drain Voltage
Figure 6. Gate Voltage versus Drain Current
Figure 7. Common Source Unity Gain Frequency
versus Drain Current
25
20
15
10
5
0
200
2
5
10
20
50
100
f, FREQUENCY (MHz)
VDD = 50 V
IDQ = 800 mA
Pout = 600 W
800
050
Pin, INPUT POWER (WATTS)
100
010
20
600
400
200
0
800
600
400
200
0
VDD = 50 V
40 V
VDD = 50 V
40 V
(IDQ = 800 mA)
100
200
220
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
10
1
TC = 25°C
10,000
12
VDS, DRAIN VOLTAGE (VOLTS)
5000
2000
1000
500
200
100
5
10
20
50
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
40
10
0
04
VGS, GATE–SOURCE VOLTAGE (VOLTS)
26
8
30
20
TYPICAL DEVICE SHOWN
VDS = 10 V
VGS(th) = 3.5 V
gfs = 24 mhos
600
20
ID, DRAIN CURRENT (AMPS)
040
60
500
400
300
200
100
0
VDS = 30 V
15 V


Similar Part No. - MRF154

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF154 MACOM-MRF154 Datasheet
175Kb / 7P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET 600W, to 80MHz, 50V
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
More results

Similar Description - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com