Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SAB5 Datasheet(PDF) 2 Page - Texas Instruments

Part # COP8SAB5
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

COP8SAB5 Datasheet(HTML) 2 Page - Texas Instruments

  COP8SAB5 Datasheet HTML 1Page - Texas Instruments COP8SAB5 Datasheet HTML 2Page - Texas Instruments COP8SAB5 Datasheet HTML 3Page - Texas Instruments COP8SAB5 Datasheet HTML 4Page - Texas Instruments COP8SAB5 Datasheet HTML 5Page - Texas Instruments COP8SAB5 Datasheet HTML 6Page - Texas Instruments COP8SAB5 Datasheet HTML 7Page - Texas Instruments COP8SAB5 Datasheet HTML 8Page - Texas Instruments COP8SAB5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
COP8SA Family
8-Bit CMOS ROM Based and One-Time Programmable
(OTP) Microcontroller with 1k to 4k Memory, Power On
Reset, and Very Small Packaging
General Description
Note: COP8SAx devices are instruction set and pin com-
patible supersets of the COP800 Family devices, and are
replacements for these in new designs when possible.
The COPSAx Rom based and OTP microcontrollers are
highly integrated COP8feature core devices, with 1k to 4k
memory and advanced features including low EMI. These
single-chip CMOS devices are suited for low cost applica-
tions requiring a full featured controller, low EMI, and POR.
100% form-fit-function compatible OTP versions are avail-
able with 1k, 2k, and 4k memory, and in a variety of pack-
ages including 28-pin CSP. Erasable windowed versions are
available for use with a range of COP8 software and hard-
ware development tools.
Family features include an 8-bit memory mapped architec-
ture, 10 MHz CKI with 1 µs instruction cycle, one multi-
function
16-bit
timer/counter
with
PWM
output,
MICROWIRE/PLUSserial I/O, two power saving HALT/
IDLE modes, MIWU, idle timer, on-chip R/C oscillator, 12
high current outputs, user selectable options (WATCH-
DOG, 4 clock/oscillator modes, power-on-reset), low EMI
2.7V to 5.5V operation, and 16/20/28/40/44 pin packages.
Devices included in this datasheet are:
Device
Memory
(bytes)
RAM
(bytes)
I/O Pins
Packages
Temperature
COP8SAA5
1k ROM
64
12/16/24
16/20/28 DIP/SOIC, 28 CSP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAB5
2k ROM
128
16/24
20/28 DIP/SOIC, 28 CSP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAC5
4k ROM
128
16/24/36/40
20/28 DIP/SOIC, 28 CSP,
40 DIP, 44 PLCC/QFP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAA7
1k OTP EPROM
64
12/16/24
16/20/28 DIP/SOIC, 28 CSP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAB7
2k OTP EPROM
128
16/24
20/28 DIP/SOIC, 28 CSP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAC7
4k OTP EPROM
128
16/24
20/28 DIP/SOIC, 28 CSP,
40 DIP, 44 PLCC/QFP
0 to +70˚C, -40 to +85˚C,
-40 to +125˚C
COP8SAC7-Q3
4k EPROM
128
16/24/36
20/28/40 DIP
Room Temp. Only
COP8SAC7-J3
4k EPROM
128
40
44 PLCC
Room Temp. Only
Key Features
n
Low cost 8-bit OTP microcontroller
n
OTP program space with read/write protection (fully
secured)
n
Quiet Design (low radiated emissions)
n
Multi-Input Wakeup pins with optional interrupts
(4 to 8 pins)
n
8 bytes of user storage space in EPROM
n
User selectable clock options
— Crystal/Resonator options
— Crystal/Resonator option with on-chip bias resistor
— External oscillator
— Internal R/C oscillator
n
Internal Power-On Reset — user selectable
n
WATCHDOG and Clock Monitor Logic — user selectable
n
Up to 12 high current outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIRE/PLUS, COP8, MICROWIREand WATCHDOGare trademarks of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
PRELIMINARY
November 2000
© 2001 National Semiconductor Corporation
DS012838
www.national.com


Similar Part No. - COP8SAB5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SAB5 NSC-COP8SAB5 Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
More results

Similar Description - COP8SAB5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SA NSC-COP8SA Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SA NSC-COP8SA_00 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
   FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com