Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SAA716M9 Datasheet(PDF) 9 Page - Texas Instruments

Part # COP8SAA716M9
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

COP8SAA716M9 Datasheet(HTML) 9 Page - Texas Instruments

Back Button COP8SAA716M9 Datasheet HTML 5Page - Texas Instruments COP8SAA716M9 Datasheet HTML 6Page - Texas Instruments COP8SAA716M9 Datasheet HTML 7Page - Texas Instruments COP8SAA716M9 Datasheet HTML 8Page - Texas Instruments COP8SAA716M9 Datasheet HTML 9Page - Texas Instruments COP8SAA716M9 Datasheet HTML 10Page - Texas Instruments COP8SAA716M9 Datasheet HTML 11Page - Texas Instruments COP8SAA716M9 Datasheet HTML 12Page - Texas Instruments COP8SAA716M9 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
AC Electrical Characteristics
0˚C
≤ T
A ≤ +70˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator, External
4.5V
≤ V
CC ≤ 5.5V
1.0
DC
µs
2.7V
≤ V
CC < 4.5V
2.0
DC
µs
Internal R/C Oscillator
4.5V
≤ V
CC ≤ 5.5V
1.667
µs
2.7V
≤ V
CC < 4.5V
TBD
µs
R/C Oscillator Frequency Variation
4.5V
≤ V
CC ≤ 5.5V
±35
%
(Note 8)
2.7V
≤ V
CC < 4.5V
TBD
%
External CKI Clock Duty Cycle (Note 8)
fr = Max
45
55
%
Rise Time (Note 8)
fr = 10 MHz Ext Clock
12
ns
Fall Time (Note 8)
fr = 10 MHz Ext Clock
8
ns
Inputs
t
SETUP
4.5V
≤ V
CC ≤ 5.5V
200
ns
2.7V
≤ V
CC < 4.5V
500
ns
t
HOLD
4.5V
≤ V
CC ≤ 5.5V
60
ns
2.7V
≤ V
CC < 4.5V
150
ns
Output Propagation Delay (Note 7)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4.5V
≤ V
CC ≤ 5.5V
0.7
µs
2.7V
≤ V
CC < 4.5V
1.75
µs
All Others
4.5V
≤ V
CC ≤ 5.5V
1.0
µs
2.7V
≤ V
CC < 4.5V
2.5
µs
MICROWIRE Setup Time (t
UWS) (Note 7)
20
ns
MICROWIRE Hold Time (t
UWH) (Note 7)
56
ns
MICROWIRE Output Propagation Delay (t
UPD)
220
ns
MICROWIRE Maximum Shift Clock
Master Mode
500
kHz
Slave Mode
1
MHz
Input Pulse Width (Note 7)
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1 Input High Time
1
t
C
Timer 1 Input Low Time
1
t
C
Reset Pulse Width
1
µs
Note 2: tC = Instruction cycle time (Clock input frequency divided by 10).
Note 3: Maximum rate of voltage change must be < 0.5 V/ms.
Note 4: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180˚ out of phase with CKI, inputs connected to VCC
and outputs driven low but not connected to a load.
Note 5: The HALT mode will stop CKI from oscillating in the R/C and the Crystal configurations. In the R/C configuration, CKI is forced high internally. In the crystal
or external configuration, CKI is TRI-STATE. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with L. F, C, G0, and G2–G5
programmed as low outputs and not driving a load; all outputs programmed low and not driving a load; all inputs tied to VCC; WATCHDOG and clock monitor
disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register.
Note 6: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when
biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω (typical). These two
pins will not latch up. The voltage at the pins must be limited to < 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning
excludes ESD transients.
Note 7: The output propagation delay is referenced to the end of the instruction cycle where the output change occurs.
Note 8: Parameter characterized but not tested.
Note 9: Rise times faster than this specification may reset the device if POR is enabled and may affect the value of Idle Timer T0 if POR is not enabled.
www.national.com
8


Similar Part No. - COP8SAA716M9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SAA716M9 NSC-COP8SAA716M9 Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SAA716M9 NSC-COP8SAA716M9 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
More results

Similar Description - COP8SAA716M9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SA NSC-COP8SA Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SA NSC-COP8SA_00 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
   FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com