Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL822-270K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RL822-270K-RC
Description  Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RL822-270K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RL822-270K-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.61
(.024)
DIA.
5.0
(.197)
11.0
(.433)
MAX.
5.0
(.197)
8.5
(.335)
MAX.
Features
Formerly
model
Current rating up to 3.71 A
Inductance range: 1 µH to 1000 µH
RoHS compliant*
Applications
DC/DC converters
Power supplies
Desktop notebooks
Output chokes
RL822 Series - Radial Lead RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications (@ 25 °C)
Test Frequency
SRF
DCR
Part
Inductance
(MHz)
(
Ω)
I dc
Number
(µH)
Tol.
Q
L
Q
Min.
Max.
(A)
RL822-1R0K-RC
1.0
±10 %
20
1.0 KHz
7.96 MHz
150
0.013
3.71
RL822-1R5K-RC
1.5
±10 %
20
1.0 KHz
7.96 MHz
130
0.016
3.32
RL822-2R2K-RC
2.2
±10 %
20
1.0 KHz
7.96 MHz
100
0.021
3.15
RL822-3R3K-RC
3.3
±10 %
20
1.0 KHz
7.96 MHz
79
0.025
2.66
RL822-4R7K-RC
4.7
±10 %
20
1.0 KHz
7.96 MHz
51
0.030
2.27
RL822-6R8K-RC
6.8
±10 %
20
1.0 KHz
7.96 MHz
29
0.035
2.10
RL822-100K-RC
10
±10 %
50
1.0 KHz
2.52 MHz
14
0.045
1.96
RL822-120K-RC
12
±10 %
50
1.0 KHz
2.52 MHz
13
0.050
1.82
RL822-150K-RC
15
±10 %
40
1.0 KHz
2.52 MHz
12
0.058
1.75
RL822-180K-RC
18
±10 %
40
1.0 KHz
2.52 MHz
11
0.061
1.54
RL822-220K-RC
22
±10 %
40
1.0 KHz
2.52 MHz
9.2
0.070
1.29
RL822-270K-RC
27
±10 %
30
1.0 KHz
2.52 MHz
8.5
0.080
1.22
RL822-330K-RC
33
±10 %
30
1.0 KHz
2.52 MHz
7.8
0.090
1.17
RL822-390K-RC
39
±10 %
30
1.0 KHz
2.52 MHz
6.9
0.10
1.14
RL822-470K-RC
47
±10 %
30
1.0 KHz
2.52 MHz
6.5
0.17
0.79
RL822-560K-RC
56
±10 %
30
1.0 KHz
2.52 MHz
5.4
0.20
0.76
RL822-680K-RC
68
±10 %
30
1.0 KHz
2.52 MHz
4.9
0.22
0.70
RL822-820K-RC
82
±10 %
30
1.0 KHz
2.52 MHz
4.1
0.25
0.67
RL822-101K-RC
100
±10 %
20
1.0 KHz
796 KHz
3.7
0.28
0.58
RL822-121K-RC
120
±10 %
20
1.0 KHz
796 KHz
3.4
0.32
0.56
RL822-151K-RC
150
±10 %
20
1.0 KHz
796 KHz
3.2
0.54
0.42
RL822-181K-RC
180
±10 %
20
1.0 KHz
796 KHz
2.8
0.60
0.40
RL822-221K-RC
220
±10 %
20
1.0 KHz
796 KHz
2.7
0.68
0.38
RL822-271K-RC
270
±10 %
20
1.0 KHz
796 KHz
2.4
0.80
0.35
RL822-331K-RC
330
±10 %
20
1.0 KHz
796 KHz
2.3
0.90
0.33
RL822-391K-RC
390
±10 %
20
1.0 KHz
796 KHz
2.1
1.20
0.28
RL822-471K-RC
470
±10 %
20
1.0 KHz
796 KHz
1.9
1.37
0.25
RL822-561K-RC
560
±10 %
20
1.0 KHz
796 KHz
1.8
1.53
0.23
RL822-681K-RC
680
±10 %
20
1.0 KHz
796 KHz
1.6
2.00
0.21
RL822-821K-RC
820
±10 %
20
1.0 KHz
796 KHz
1.5
2.70
0.18
RL822-102K-RC
1000
±10 %
50
1.0 KHz
252 KHz
1.3
2.96
0.16
DIMENSIONS:
MM
(INCHES)
General Specifications
Rated Current ...... Inductance drop 10 %
Operating Temperature
................................-55 °C to +105 °C
Storage Temperature
................................-55 °C to +105 °C
Materials
Core Material ................................Ferrite
Wire ...........................Enameled copper
Terminal Coating.................................Sn
Marking
............Value code on side of inductor
Packaging
Standard ...................... 100 pcs. per bag
Product Dimensions
How To Order
RL822 - 102K - RC
Model
Value/Tolerance Code (see table)
Compliance Code
RC = RoHS Compliant
Example:
RL822-102K-RC = 1000 µH, ±10 %
REV. 02/09
Electrical Schematic


Similar Part No. - RL822-270K-RC

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL822 RECTRON-RL822 Datasheet
27Kb / 2P
   SOFT RECOVERY/FAST SWITCHING RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes)
More results

Similar Description - RL822-270K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL622-1R0K-RC BOURNS-RL622-1R0K-RC Datasheet
225Kb / 2P
   Radial Lead RF Choke DC/DC converters Desktop notebooks
6000-221K-RC BOURNS-6000-221K-RC Datasheet
624Kb / 1P
   Radial Lead RF Chokes
6000-6R8M BOURNS-6000-6R8M Datasheet
624Kb / 1P
   Radial Lead RF Chokes
RL110-100M-RC BOURNS-RL110-100M-RC Datasheet
883Kb / 1P
   Radial Lead RF Choke
RL181S-102J-RC BOURNS-RL181S-102J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL262-101J-RC BOURNS-RL262-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL855-100M-RC BOURNS-RL855-100M-RC Datasheet
857Kb / 1P
   Radial Lead RF Choke
RL824-100K-RC BOURNS-RL824-100K-RC Datasheet
182Kb / 1P
   Radial Lead RF Choke
RL875S-100L-RC BOURNS-RL875S-100L-RC Datasheet
154Kb / 1P
   Radial Lead RF Choke
RL895-100M-RC BOURNS-RL895-100M-RC Datasheet
1Mb / 1P
   Radial Lead RF Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com