Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL622-560K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RL622-560K-RC
Description  Radial Lead RF Choke DC/DC converters Desktop notebooks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RL622-560K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RL622-560K-RC Datasheet HTML 1Page - Bourns Electronic Solutions RL622-560K-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.62
(.024)
DIA.
5.0
(.197)
11.0
(.433)
MAX.
5.0
(.197)
8.5
(.335)
MAX.
Features
Formerly
model
Current rating up to 10 A
Inductance range: 1 µH to 100,000 µH
RoHS compliant*
Applications
DC/DC converters
Power supplies
Desktop notebooks
Output chokes
RL622 Series - Radial Lead RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications (@ 25 °C)
Test Frequency
SRF
DCR
Part
Inductance
Q
(MHz)
(
Ω)
I dc
Number
(µH)
Tol.
(Min.)
L
Q
Typ.
Max.
(A)
RL622-1R0K-RC
1.0
±10 %
20
7.96 MHz 7.96 MHz
150
0.013
10
RL622-1R5K-RC
1.5
±10 %
20
7.96 MHz 7.96 MHz
130
0.016
8.5
RL622-2R2K-RC
2.2
±10 %
20
7.96 MHz 7.96 MHz
100
0.021
6.5
RL622-3R3K-RC
3.3
±10 %
20
7.96 MHz 7.96 MHz
79
0.025
5.5
RL622-4R7K-RC
4.7
±10 %
20
7.96 MHz 7.96 MHz
51
0.030
4.3
RL622-6R8K-RC
6.8
±10 %
20
7.96 MHz 7.96 MHz
29
0.035
3.7
RL622-100K-RC
10
±10 %
50
2.52 MHz 2.52 MHz
14
0.045
3.0
RL622-120K-RC
12
±10 %
50
2.52 MHz 2.52 MHz
13
0.050
2.7
RL622-150K-RC
15
±10 %
40
2.52 MHz 2.52 MHz
12
0.056
2.3
RL622-180K-RC
18
±10 %
40
2.52 MHz 2.52 MHz
11
0.061
2.2
RL622-220K-RC
22
±10 %
40
2.52 MHz 2.52 MHz
9.2
0.070
2.0
RL622-270K-RC
27
±10 %
30
2.52 MHz 2.52 MHz
8.5
0.080
1.7
RL622-330K-RC
33
±10 %
30
2.52 MHz 2.52 MHz
7.8
0.090
1.6
RL622-390K-RC
39
±10 %
30
2.52 MHz 2.52 MHz
6.9
0.10
1.5
RL622-470K-RC
47
±10 %
30
2.52 MHz 2.52 MHz
6.5
0.16
1.4
RL622-560K-RC
56
±10 %
30
2.52 MHz 2.52 MHz
5.4
0.18
1.3
RL622-680K-RC
68
±10 %
30
2.52 MHz 2.52 MHz
4.9
0.21
1.2
RL622-820K-RC
82
±10 %
30
2.52 MHz 2.52 MHz
4.1
0.23
1.1
RL622-101K-RC
100
±10 %
20
796 KHz
796 KHz
3.7
0.28
0.91
RL622-121K-RC
120
±10 %
20
796 KHz
796 KHz
3.4
0.32
0.84
RL622-151K-RC
150
±10 %
20
796 KHz
796 KHz
3.2
0.37
0.75
RL622-181K-RC
180
±10 %
20
796 KHz
796 KHz
2.8
0.58
0.69
RL622-221K-RC
220
±10 %
20
796 KHz
796 KHz
2.7
0.65
0.64
RL622-271K-RC
270
±10 %
20
796 KHz
796 KHz
2.4
0.75
0.57
RL622-331K-RC
330
±10 %
20
796 KHz
796 KHz
2.3
0.85
0.54
RL622-391K-RC
390
±10 %
20
796 KHz
796 KHz
2.1
1.0
0.48
RL622-471K-RC
470
±10 %
20
796 KHz
796 KHz
1.9
1.1
0.46
RL622-561K-RC
560
±10 %
20
796 KHz
796 KHz
1.8
1.4
0.41
RL622-681K-RC
680
±10 %
20
796 KHz
796 KHz
1.6
1.6
0.38
RL622-821K-RC
820
±10 %
20
796 KHz
796 KHz
1.5
1.8
0.38
RL622-102K-RC
1000
±10 %
50
252 KHz
252 KHz
1.3
2.9
0.29
RL622-122K-RC
1200
±10 %
50
252 KHz
252 KHz
1.1
4.0
0.13
RL622-152K-RC
1500
±10 %
20
252 KHz
252 KHz
1.0
6.1
0.08
RL622-182K-RC
1800
±10 %
20
252 KHz
252 KHz
1.0
6.4
0.08
RL622-222K-RC
2200
±10 %
20
252 KHz
252 KHz
0.9
6.8
0.08
RL622-272K-RC
2700
±10 %
20
252 KHz
252 KHz
0.9
7.7
0.08
RL622-332K-RC
3300
±10 %
20
252 KHz
252 KHz
0.7
9.0
0.08
RL622-392K-RC
3900
±10 %
20
252 KHz
252 KHz
0.6
14
0.08
RL622-472K-RC
4700
±10 %
20
252 KHz
252 KHz
0.5
16
0.05
RL622-562K-RC
5600
±10 %
20
252 KHz
252 KHz
0.4
18
0.05
RL622-682K-RC
6800
±10 %
20
252 KHz
252 KHz
0.4
19
0.05
RL622-822K-RC
8200
±10 %
20
252 KHz
252 KHz
0.3
21
0.05
RL622-103K-RC
10,000
±10 %
40
79.6 KHz
79.6 KHz
0.3
25
0.05
RL622-123K-RC
12,000
±10 %
40
79.6 KHz
79.6 KHz
0.3
33
0.04
RL622-153K-RC
15,000
±10 %
40
79.6 KHz
79.6 KHz
0.2
37
0.04
RL622-183K-RC
18,000
±10 %
30
79.6 KHz
79.6 KHz
0.2
40
0.04
RL622-223K-RC
22,000
±10 %
30
79.6 KHz
79.6 KHz
0.1
56
0.03
RL622-273K-RC
27,000
±10 %
30
79.6 KHz
79.6 KHz
0.1
62
0.03
DIMENSIONS:
MM
(INCHES)
General Specifications
Rated Current ...... Inductance drop 10 %
Operating Temperature
................................-55 °C to +105 °C
Storage Temperature
................................-55 °C to +105 °C
Materials
Core Material ................................Ferrite
Wire ...........................Enameled copper
Terminal Coating.................................Sn
Marking
............Value code on side of inductor
Packaging
Standard ...................... 100 pcs. per bag
Product Dimensions
Electrical Schematic
~ Continued on page 2 ~


Similar Part No. - RL622-560K-RC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
RL622-150K MICROSEMI-RL622-150K Datasheet
339Kb / 18P
   EVALUATION KIT
More results

Similar Description - RL622-560K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL822-1R0K-RC BOURNS-RL822-1R0K-RC Datasheet
181Kb / 1P
   Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
RL110-100M-RC BOURNS-RL110-100M-RC Datasheet
883Kb / 1P
   Radial Lead RF Choke
RL181S-102J-RC BOURNS-RL181S-102J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL262-101J-RC BOURNS-RL262-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL855-100M-RC BOURNS-RL855-100M-RC Datasheet
857Kb / 1P
   Radial Lead RF Choke
RL824-100K-RC BOURNS-RL824-100K-RC Datasheet
182Kb / 1P
   Radial Lead RF Choke
RL875S-100L-RC BOURNS-RL875S-100L-RC Datasheet
154Kb / 1P
   Radial Lead RF Choke
RL895-100M-RC BOURNS-RL895-100M-RC Datasheet
1Mb / 1P
   Radial Lead RF Choke
RL187-101J-RC BOURNS-RL187-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
6100-100K-RC BOURNS-6100-100K-RC Datasheet
216Kb / 1P
   Radial Lead RF Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com