Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA188AIDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVR
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA188AIDBVR Datasheet HTML 2Page - Texas Instruments OPA188AIDBVR Datasheet HTML 3Page - Texas Instruments OPA188AIDBVR Datasheet HTML 4Page - Texas Instruments OPA188AIDBVR Datasheet HTML 5Page - Texas Instruments OPA188AIDBVR Datasheet HTML 6Page - Texas Instruments OPA188AIDBVR Datasheet HTML 7Page - Texas Instruments OPA188AIDBVR Datasheet HTML 8Page - Texas Instruments OPA188AIDBVR Datasheet HTML 9Page - Texas Instruments OPA188AIDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
OPA188
SBOS642A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS:
Low-Voltage Operation, VS = ±2 V to < ±4 V (VS = +4 V to < +8 V) (continued)
At TA = +25°C, RL = 10 kΩ connected to VS / 2
(1), and V
CM = VOUT = VS / 2
(1), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
No load
6
15
mV
Voltage output swing from rail
RL = 10 kΩ
220
250
mV
TA = –40°C to +125°C
310
350
mV
Sinking
-18
mA
ISC
Short-circuit current
Sourcing
+16
mA
RO
Open-loop output resistance
f = 1 MHz, IO = 0
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
VS
Operating voltage range
4 to 36 (±2 to ±18)
V
VS = ±2 V to VS = ±4 V
425
480
μA
IQ
Quiescent current (per amplifier)
IO = 0 mA, TA = –40°C to +125°C
525
μA
TEMPERATURE RANGE
Specified temperature range
–40
+125
°C
TA
Operating temperature range
–55
+150
°C
Tstg
Storage temperature range
–65
+150
°C
THERMAL INFORMATION
OPA188
THERMAL METRIC(1)
D (SO)
DGK (MSOP)
DBV (SOT23)
UNITS
8 PINS
8 PINS
5 PINS
θJA
Junction-to-ambient thermal resistance
122.0
180.4
158.8
θJCtop
Junction-to-case (top) thermal resistance
68.5
67.9
60.7
θJB
Junction-to-board thermal resistance
63.5
102.1
44.8
°C/W
ψJT
Junction-to-top characterization parameter
13.7
10.4
1.6
ψJB
Junction-to-board characterization parameter
62.8
100.3
44.2
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA188


Similar Part No. - OPA188AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDBVR TI1-OPA188AIDBVR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA188AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com