Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA188AIDGKT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDGKT
Description  Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA188AIDGKT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA188AIDGKT Datasheet HTML 7Page - Texas Instruments OPA188AIDGKT Datasheet HTML 8Page - Texas Instruments OPA188AIDGKT Datasheet HTML 9Page - Texas Instruments OPA188AIDGKT Datasheet HTML 10Page - Texas Instruments OPA188AIDGKT Datasheet HTML 11Page - Texas Instruments OPA188AIDGKT Datasheet HTML 12Page - Texas Instruments OPA188AIDGKT Datasheet HTML 13Page - Texas Instruments OPA188AIDGKT Datasheet HTML 14Page - Texas Instruments OPA188AIDGKT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
100
10
1
0.1
10
100
1k
10k
100k
Frequency(Hz)
1
0.01
0.001
0.0001
0.00001
10
100
1k
10k
20k
Frequency (Hz)
V
= 1 V
BW = 80 kHz
OUT
RMS
G = +1, R = 10 kW
L
G = 1, R = 10 k
-
W
L
-80
-100
-120
-140
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
5 Typical Units Shown
V
= 2 V to 18 V
SUPPLY
±
±
Time (1s/div)
C016
+3*sigma
-3*sigma
3*Sigma Noise = 172nV
PP
Peak-to-Peak Noise = V
RMS*6.6 = 250nV
40
35
30
25
20
15
10
5
0
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
(V ) < V
< (V+)
1.5 V
-
CM
-
(V ) + 0.5 V < V
< (V+)
1.5 V
-
-
CM
V
= 2 V
SUPPLY
±
8
7
6
5
4
3
2
1
0
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
(V ) < V
< (V+)
1.5 V
-
CM
-
(V ) + 0.5 V < V
< (V+)
1.5 V
-
-
CM
V
= 18 V
SUPPLY
±
OPA188
www.ti.com
SBOS642A – MARCH 2013 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 14. CMRR vs TEMPERATURE
Figure 15. CMRR vs TEMPERATURE
Figure 16. PSRR vs TEMPERATURE
Figure 17. 0.1-Hz TO 10-Hz NOISE
Figure 18. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
Figure 19. THD+N RATIO vs FREQUENCY
FREQUENCY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA188


Similar Part No. - OPA188AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDGKT TI1-OPA188AIDGKT Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA188AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com