Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1255BD65R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1255BD65R2G
Description  Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1255BD65R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1255BD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1255BD65R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
NCP1255
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 9.
Figure 10.
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.88
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
Figure 11.
Figure 12.
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
0.20
0.22
0.24
0.26
0.28
0.30
125
100
75
50
25
0
−25
−50
200
220
260
280
320
340
380
400
Figure 13.
Figure 14.
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
24.98
26.98
28.98
30.98
32.98
34.98
36.98
0.50
0.52
0.54
0.56
0.58
0.60
0.62
125
100
75
50
25
0
−25
−50
0.86
125
100
75
50
25
0
−25
−50
125
100
75
50
25
0
−25
−50
240
300
360
125
100
75
50
25
0
−25
−50
125
100
75
50
25
0
−25
−50


Similar Part No. - NCP1255BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1255 ONSEMI-NCP1255 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
More results

Similar Description - NCP1255BD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1254 ONSEMI-NCP1254 Datasheet
376Kb / 25P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
March, 2013 ??Rev. P1
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com