Electronic Components Datasheet Search |
|
CS1W-NC233 Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
CS1W-NC233 Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 70 page Replace Malfunctioning Units without Turning OFF the Power (Online Unit Replacement) When an I/O Unit, a Special I/O Unit, or a CPU Bus Unit is malfunctioning, it is now possible to replace the faulty Unit while the system continues operating. This is particularly effective for systems that cannot be stopped when a problem has occurred in another part of the system. (This function requires a CS1D-CPU @@S. CPU Unit, a CS1D-BC082 or CS1D-BI092 Backplane, and a CS1D-PA207R or CS1D-PD024 Power Supply Unit.) F-14 F-15 Advanced management and resource inheritance providing powerful support for maintenance and operation. 66 1. Program or monitor a remote PLC via a modem connection. 2. Program or monitor a network PLC via a Host Link connection. 3. Send e-mail for errors from PLCs connected to Ethernet. Ethernet Modem Modem Phone line Host Link 1. Remote programming/monitoring via modem (See note.) 2. Remote programming/ monitoring via Host Link (See note.) 3. Mail Note: The same kind of programming and monitoring performed via normal Host Link is possible. Remote Maintenance Memory Cards for Data File Management User programs, I/O memory, or system parameters can be converted to Windows-based files and stored in Memory Cards or in EM file memory in the CPU Unit. It is also possible to automatically read the user program and other data from the Memory Card to the CPU Unit at startup, replacing ROM operation. Change programs on-site using only a Memory Card and Programming Console, or use Memory Cards to store symbol tables or I/O comments. Connecting a Programming Device allows monitoring operations with ladder programs with comments. It is also possible to save and read data such as DM data to a Memory Card during operation, and the Memory Cards are ideal for operations such as saving quality data and reading recipes. PC Card Adapter Memory Card Upload Programming Console Office Production site Internal Flash Memory-based Battery-free Operation Flash memory (non-volatile memory) is built into the new CS1's CPU Unit. User programs and system parameters (e.g., PC Setup and data link tables) are automatically saved to this flash memory. This means that the new CS1 can operate without a Memory Card and battery. Built-in flash memory ● User program ● Parameter area data Battery-free operation with no Memory Card. CS1 CVM1/CV CS1 C200HX/HG/HE Easy replacement Write Protection from a Specific Node over the Network (for CPU Unit Ver. 2.0 or Later) You can now stop specific nodes from writing over the network. By preventing unintentionally writes to the PLC while monitoring data over the network, you can prevent potential problems. Reading possible Write enabled × Boost Program Security by Keeping Part of It Hidden (for CPU Unit Ver. 2.0 or Later) You can prevent access to special tasks by requiring the user to have a password to read them. By applying write protection, you can also prevent a user from inadvertently writing over the hidden part of the program. This provides additional protection for your program. This allows you to hide crucial parts of the program. Task 1 Task 2 Task 3 Use a password to prevent reading of only task 2. CX-Programmer Ver. 4.0 × Prevent Information Leaks from PLCs (for CPU Unit Ver. 2.0 or Later) In addition to applying read protection functions to the user program area and tasks, you can also protect against the transfer of user programs to a Memory Card. This prevents leaks of proprietary information by completely protecting against the reading of programs inside the PLC. CX-Programmer Ver. 4.0 Memory Card Faulty Unit CPU PS Note: CX-Programmer Ver. 5.0 or higher required. Read protection Write protection × × Store All I/O Comments, Symbol Names, Rung Comments, and Other Information in CPU Unit Comment Memory (See note.) (Unit Ver. 3.0 or later) When downloading projects, the Memory Card, EM file memory, or comment memory (in the CPU Unit's flash memory) can be selected as the transfer destination for I/O comments, symbol names, rung comments, and other data. This enables data such as I/O comments, symbol names, and rung comments to be stored in the CPU Unit's internal comment memory when a Memory Card or EM file memory are both not available. Read protection No transfer possible Easy Replacement of Existing Models Programs designed for existing models (C200HX/HG/HE, CVM1, or CV-series PLCs) using the CX-Programmer can be converted for use with the new CS1. The following functions are available to make the conversion to the new CS1 even easier. ● CV-CS address conversion instruction to convert programs designed for the CVM1/CV that include internal I/O memory addresses. ● C200HX/HG/HE: Region comparison (ZCP and ZCPL) instructions. Reading possible Write protection (1) Remove the faulty Unit after stopping access to it. (2) Resume access after replacing the Unit. |
Similar Part No. - CS1W-NC233 |
|
Similar Description - CS1W-NC233 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |