Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1W-32ET1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CP1W-32ET1
Description  Compact machine controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1W-32ET1 Datasheet(HTML) 7 Page - Omron Electronics LLC

  CP1W-32ET1 Datasheet HTML 1Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 2Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 3Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 4Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 5Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 6Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 7Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 8Page - Omron Electronics LLC CP1W-32ET1 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
10
CP1
Expansion units and accessories
Expansion units
CP1W-CN811
Length: 80 cm
I/O Connecting Cable
Temperature Sensor Unit
CJ Unit Adapter
CompoBus/S I/O Link Unit
CP1W-TS001
Thermocouple inputs: 2
CP1W-TS002
Thermocouple inputs: 4
CP1W-TS101
Platinum-resistance thermometer inputs: 2
CP1W-TS102
Platinum-resistance thermometer inputs: 4
Note: This table is a general overview only. For details, refer to the CP1E datasheet (Cat. No. P061), CP1L datasheet (Cat. No. P081) or CP1H datasheet (Cat. No. P080).
CP1W Expansion Units include I/O Connection Cables
(in lengths of approx. 6 cm) for side-by-side
connection.
Battery Set
CJ1W-BAT01
(for CP1L/CP1H)
CP1W-BAT01
(for CP1E)
CP1W-SRT21
Inputs: 8 bits
Outputs: 8 bits
Expansion I/O Units
Analog I/O Units
CP1W-8ED
DC inputs: 8
CP1W-8ER
Relay outputs: 8
CP1W-8ET
Transistor outputs (sinking): 8
CP1W-8ET1
Transistor outputs (sourcing): 8
CP1W-16ER
Relay outputs: 16
CP1W-16ET
Transistor outputs (sinking): 16
CP1W-16ET1
Transistor outputs (sourcing): 16
CP1W-20EDR1
DC inputs: 12
Relay outputs: 8
CP1W-20EDT
DC inputs: 12
Transistor outputs (sinking): 8
CP1W-20EDT1
DC inputs: 12
Transistor outputs (sourcing): 8
CP1W-32ER
Relay outputs: 32
CP1W-32ET
Transistor outputs (sinking): 32
CP1W-32ET1
Transistor outputs (sourcing): 32
CP1W-40EDR
DC inputs : 24
Relay outputs: 16
CP1W-40EDT
DC inputs: 24
Transistor outputs (sinking): 16
CP1W-40EDT1
DC inputs: 24
Transistor outputs (sourcing): 16
Optional Boards
Analog Input Unit
CP1W-AD041
Analog inputs: 4 (resolution: 6,000)
Analog Output Unit
CP1W-DA021
Analog outputs: 2 (resolution: 6,000)
CP1W-DA041
Analog outputs: 4 (resolution: 6,000)
Analog I/O Unit
CP1W-MAD11
Analog inputs: 2 (resolution: 6,000)
Analog outputs: 1 (resolution: 6,000)
CP1W-ClF01
RS-232C
(15 m max.)
CP1W-ClF11
RS-422A/485
(50 m max.)
CP1W-ClF12
RS-422A/485
(Isolated-type)
(500 m max.)
CP1W-CIF41
Ethernet
CP1W-DAM01
Display 4 rows,
12 characters
CP1W-ADB21
Analog 2 inputs,
0-10 V, 0-20 mA
CP1W-DAB21V
Analog
2 outputs, 0-10 V
CP1W-MAB221
Analog 2 inputs
0-10 V, 0-20 mA &
2 outputs 0-10 V
CP1W-EXT01
CJ Unit adapter for use with CP1H.
Includes CJ endplate.
CP1W-ME05M
512K words
(upload/download program)
Memory Cassette
CP1-Brochure+TechPart+Global.fm
10 ページ
2012年3月27日 火曜日 午後6時47分


Similar Part No. - CP1W-32ET1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-32ET1 OMRON-CP1W-32ET1 Datasheet
2Mb / 44P
   The CP1E Package PLCs: Economical, Easy to use, and Efficient
CP1W-32ET1 OMRON-CP1W-32ET1 Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
CP1W-32ET1 OMRON-CP1W-32ET1 Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1W-32ET1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
   Compact, Economical Temperature Controllers
logo
Omron Electronics LLC
E5CK OMRON-E5CK Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
logo
Toshiba Semiconductor
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
logo
National Instruments Co...
CFP-2220 NI-CFP-2220 Datasheet
137Kb / 5P
   Compact FieldPoint Real-Time Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com