Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22-TG-11A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A22-TG-11A
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22-TG-11A Datasheet(HTML) 5 Page - Omron Electronics LLC

  A22-TG-11A Datasheet HTML 1Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 2Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 3Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 4Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 5Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 6Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 7Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 8Page - Omron Electronics LLC A22-TG-11A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A22
Ordering Information
Completely Assembled........ Shipped as a set which includes the Pushbutton, Lamp (lighted type only), and Switch.
Lighted (Round Type)
Note: The contact ratings are for standard loads.
Operation
Momentary operation
(self-resetting)
Alternate operation
(self-holding)
Illumination
color
Appearance
Output
Lighting Operating voltage
Set
Set
Round/Full-guard type
LED lighting
(without Voltage Reduction Unit)
A22L-G
SPST-NO
LED
6 VDC
A22L-G
@-6D-10M
A22L-G
@-6D-10A
R (red)
Y (yellow)
G (green)
W (white)
A (blue)
6 VAC
A22L-G
@-6A-10M
A22L-G
@-6A-10A
12 VAC/VDC
A22L-G
@-12A-10M
A22L-G
@-12A-10A
24 VAC/VDC
A22L-G
@-24A-10M
A22L-G
@-24A-10A
SPST-NC
6 VDC
A22L-G
@-6D-01M
A22L-G
@-6D-01A
6 VAC
A22L-G
@-6A-01M
A22L-G
@-6A-01A
12 VAC/VDC
A22L-G
@-12A-01M
A22L-G
@-12A-01A
24 VAC/VDC
A22L-G
@-24A-01M
A22L-G
@-24A-01A
SPST-NO +
SPST-NC
6 VDC
A22L-G
@-6D-11M
A22L-G
@-6D-11A
6 VAC
A22L-G
@-6A-11M
A22L-G
@-6A-11A
12 VAC/VDC
A22L-G
@-12A-11M
A22L-G
@-12A-11A
24 VAC/VDC
A22L-G
@-24A-11M
A22L-G
@-24A-11A
SPST-NO +
SPST-NO
6 VDC
A22L-G
@-6D-20M
A22L-G
@-6D-20A
6 VAC
A22L-G
@-6A-20M
A22L-G
@-6A-20A
12 VAC/VDC
A22L-G
@-12A-20M
A22L-G
@-12A-20A
24 VAC/VDC
A22L-G
@-24A-20M
A22L-G
@-24A-20A
SPST-NC +
SPST-NC
6 VDC
A22L-G
@-6D-02M
A22L-G
@-6D-02A
6 VAC
A22L-G
@-6A-02M
A22L-G
@-6A-02A
12 VAC/VDC
A22L-G
@-12A-02M
A22L-G
@-12A-02A
24 VAC/VDC
A22L-G
@-24A-02M
A22L-G
@-24A-02A
Round/Full-guard type
LED voltage-reduction lighting
(with Voltage Reduction Unit)
A22L-G
SPST-NO
100 VAC
A22L-G
@-T1-10M
A22L-G
@-T1-10A
200 VAC
A22L-G
@-T2-10M
A22L-G
@-T2-10A
SPST-NC
100 VAC
A22L-G
@-T1-01M
A22L-G
@-T1-01A
200 VAC
A22L-G
@-T2-01M
A22L-G
@-T2-01A
SPST-NO +
SPST-NC
100 VAC
A22L-G
@-T1-11M
A22L-G
@-T1-11A
200 VAC
A22L-G
@-T2-11M
A22L-G
@-T2-11A
SPST-NO +
SPST-NO
100 VAC
A22L-G
@-T1-20M
A22L-G
@-T1-20A
200 VAC
A22L-G
@-T2-20M
A22L-G
@-T2-20A
SPST-NC +
SPST-NC
100 VAC
A22L-G
@-T1-02M
A22L-G
@-T1-02A
200 VAC
A22L-G
@-T2-02M
A22L-G
@-T2-02A
Individual models: Refer to pages 7 to 9.
(The Pushbutton, Lamp, and Switch can be ordered separately.)
■ Ratings, characteristics, and dimensions: Refer to pages 13 to 16.
■ Accessories and tools: See pages 10 to 12.
http://www.ia.omron.com/
5
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22-TG-11A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG OMRON-A22-TG Datasheet
223Kb / 13P
   Pushbutton Switch
More results

Similar Description - A22-TG-11A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com