Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1W-32ER Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CP1W-32ER
Description  Compact machine controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1W-32ER Datasheet(HTML) 5 Page - Omron Electronics LLC

  CP1W-32ER Datasheet HTML 1Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 2Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 3Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 4Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 5Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 6Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 7Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 8Page - Omron Electronics LLC CP1W-32ER Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8
Maximize efficiency by selecting the optimum CPU unit for your applications
Note: This table is a general overview only. For details, refer to the CP1E datasheet (Cat. No. P061), CP1L datasheet (Cat. No. P081) or CP1H datasheet (Cat. No. P080).
CP1E
E-type
N-type
CP1E
-E10D_-_
CP1E
-E14DR-A
CP1E
-E20DR-A
CP1E
-E30DR-A
CP1E
-E40DR-A
CP1E
-N14D_-_
CP1E
-N20D_-_
CP1E
-NA20D_-_
CP1E
-N30D_-_
CP1E
-N40D_-_
CP1E
-N60D_-_
I/O
Digital Inputs
6
8
12
18
24
8
12
12
18
24
36
Digital Outputs
4
6
8
12
16
6
8
8
12
16
24
Removable Terminals
No
No
Total I/O Capacity
10
14
20
150
160
14
20
140
150
160
180
CP1W Expansion Units No
Yes (3 max.)
No
Yes (3 max.)
CJ-Series Special I/O
and CPU Bus Units
No
No
Interrupt/Quick/
Counter Inputs
4
6
6
High Speed Counter
Inputs
5
(10 kHz max.)
6 (10 kHz max.)
2 (100 kHz max.) and
4 (10 kHz max.)
Pulse Outputs
(transistor outputs
models only)
No
2 axes (100 kHz max.)
Analog I/O
(embedded)
No
No
2 inputs,
1 output
No
Analog Adjuster (0-255)
Yes (2)
Yes (2)
External Analog
Settings Input
(resolution 1/256)
No
No
Optional
boards
Number of boards
supported
0
0
1
Serial Communications
(CP1W-CIF01/11/12)
No
No
Yes
Ethernet
(CP1W-CIF41)
No
No
Yes
LCD Display
(CP1W-DAM01)
No
No
Analog I/O boards
No
No
CPU
details
Programming port
USB
USB
RS-232C port (embedded) No
Yes (1)
Function Blocks support
(Ladder diagrams or ST
language)
No
No
Processing Speed
(minimum)
1.19 μs / Basic instruction, 7.9 μs / Special instruction
1.19 μs / Basic instruction, 7.9 μs / Special instruction
Program Capacity
2K steps
8K steps
Data Memory
Capacity
2K words
8K words
Memory Cassette
(CP1W-ME05M)
No
No
Real-Time Clock
No
Yes (with optional battery)
Battery
No
Optional (CP1W-BAT01)
7-Segment Display
No
No
Relay
Outputs
AC Power Supply
CP1E
-E10DR-A
CP1E
-E14DR-A
CP1E
-E20DR-A
CP1E
-E30DR-A
CP1E
-E40DR-A
CP1E
-N14DR-A
CP1E
-N20DR-A
CP1E
-NA20DR-A
CP1E
-N30DR-A
CP1E
-N40DR-A
CP1E
-N60DR-A
DC Power Supply
CP1E
-E10DR-D
-
-
-
-
CP1E
-N14DR-D
CP1E
-N20DR-D
-
CP1E
-N30DR-D
CP1E
-N40DR-D
CP1E
-N60DR-D
Transistor
Outputs
Sink
Type
AC Power Supply CP1E
-E10DT-A
-
-
-
-
CP1E
-N14DT-A
CP1E
-N20DT-A
-
CP1E
-N30DT-A
CP1E
-N40DT-A
CP1E
-N60DT-A
DC Power Supply CP1E
-E10DT-D
-
-
-
-
CP1E
-N14DT-D
CP1E
-N20DT-D
CP1E
-NA20DT-D
CP1E
-N30DT-D
CP1E
-N40DT-D
CP1E
-N60DT-D
Source
Type
AC Power Supply CP1E
-E10DT1-A
-
-
-
-
CP1E
-N14DT1-A
CP1E
-N20DT1-A
-
CP1E
-N30DT1-A
CP1E-
N14DT1-A
CP1E
-N60DT1-A
DC Power Supply CP1E
-E10DT1-D
-
-
-
-
CP1E
-N14DT1-D
CP1E
-N20DT1-D
CP1E
-NA20DT1-D
CP1E
-N30DT1-D
CP1E
-N40DT1-D
CP1E
-N60DT1-D
CP1-Brochure+TechPart+Global.fm
8 ページ
2012年3月27日 火曜日 午後6時47分


Similar Part No. - CP1W-32ER

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-32ER OMRON-CP1W-32ER Datasheet
2Mb / 44P
   The CP1E Package PLCs: Economical, Easy to use, and Efficient
CP1W-32ER OMRON-CP1W-32ER Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
CP1W-32ER OMRON-CP1W-32ER Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1W-32ER

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
   Compact, Economical Temperature Controllers
logo
Omron Electronics LLC
E5CK OMRON-E5CK Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
logo
Toshiba Semiconductor
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
logo
National Instruments Co...
CFP-2220 NI-CFP-2220 Datasheet
137Kb / 5P
   Compact FieldPoint Real-Time Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com