Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DA7 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3X-DA7
Description  The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DA7 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3X-DA7 Datasheet HTML 2Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 3Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 4Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 5Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 6Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 7Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 8Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 9Page - Omron Electronics LLC E3X-DA7 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
E3X-DA-N
Amplifiers with Connectors
(Specifications different to those for Pre-wired Amplifiers)
* The dielectric strength for water-resistant models is 500 VAC at 50/60 Hz for 1 min.
Ambient temperature
Operating:Groups of 1 to 3 Amplifiers:
−25 to 55°C
Groups of 4 to 11 Amplifiers:
−25 to 50°C
Groups of 12 to 16 Amplifiers:
−25 to 45°C
Storage:
−30 to 70°C (with no icing or condensation)
Ambient humidity
Operating and storage: 35% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min
Vibration resistance
(destruction)
10 to 55 Hz with a 1.5-mm double amplitude for 2 h each in X, Y and Z directions
Shock resistance
(destruction)
500m/s2, for 3 times each in X, Y and Z directions
Degree of protection
IEC IP50 (with Protective Cover attached)
IEC IP66 (with
Protective
Cover
attached)
IEC IP50 (with
Protective
Cover
attached)
Connection method
Pre-wired (standard cable length: 2 m)
Weight (packed state)
Approx. 100 g
Approx. 110 g
Approx. 100 g
Materi-
al
Case
Polybutylene terephthalate (PBT)
Cover
Polycarbonate
Polyethersulfo
ne
Accessories
Instruction sheet
Type
Standard
models
Monitor-out-
put models
Mark-detecting models
Infrared
models
Water-
resistant
models*
Twin-output
models
Output
type
NPN
output
E3X-DA6
E3X-DA7
E3X-DAB6
E3X-DAG6
E3X-DAH6
E3X
-DA14V
E3X
-DA6TW
Item
PNP
output
E3X-DA8
E3X-DA9
E3X-DAB8
E3X-DAG8
E3X-DAH8
E3X
-DA44V
E3X
-DA8TW
Connection method
Standard connector
M8 connector
Standard
connector
Weight (packed state)
Approx. 55 g
Approx. 65 g
Approx. 55 g
Type
Standard
models
Monitor-
output
models
Mark-detecting models
Infrared
models
Water-
resistant
models
Twin-output
models
Output
type
NPN
output
E3X
-DA11-N
E3X
-DA21-N
E3X
-DAB11-N
E3X
-DAG11-N
E3X
-DAH11-N
E3X
-DA11V
E3X
-DA11TW
Item
PNP
output
E3X
-DA41-N
E3X
-DA51-N
E3X
-DAB41-N
E3X
-DAG41-N
E3X
-DAH41-N
E3X
-DA41V
E3X
-DA41TW
Connectors
Item
Model
E3X-CN11/21/22
E3X-CN12
Rated current
2.5 A
Rated voltage
50 V
Contact resistance
20 m
Ω max. (20 mVDC max., 100 mA max.)
The figure is for connection to the Amplifier and the adjacent
Connector. It does not include the conductor resistance of the cable.
No. of insertions
(durability)
50 times
The figure for the number of insertions is for connection to the
Amplifier and the adjacent Connector.
Material
Housing
Polybutylene terephthalate (PBT)
Contacts
Phosphor bronze/gold-plated nickel
Weight (packed state)
Approx. 55 g
Approx. 25 g
Mobile Console
Item
Model
E3X-MC11
Power supply
voltage
Charged with AC
adapter
Connection
method
Connected via adapter
Weight
(packed state)
Approx. 580 g
(Console only: 120 g)
Refer to Instruction Manual provided
with the Mobile Console for details.
http://www.ia.omron.com/
7
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E3X-DA7

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA7-S OMRON-E3X-DA7-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA7F-S OMRON-E3X-DA7F-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA7R-S OMRON-E3X-DA7R-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
More results

Similar Description - E3X-DA7

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com