Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22-HA Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22-HA
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22-HA Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22-HA Datasheet HTML 2Page - Omron Electronics LLC A22-HA Datasheet HTML 3Page - Omron Electronics LLC A22-HA Datasheet HTML 4Page - Omron Electronics LLC A22-HA Datasheet HTML 5Page - Omron Electronics LLC A22-HA Datasheet HTML 6Page - Omron Electronics LLC A22-HA Datasheet HTML 7Page - Omron Electronics LLC A22-HA Datasheet HTML 8Page - Omron Electronics LLC A22-HA Datasheet HTML 9Page - Omron Electronics LLC A22-HA Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
A22
Ordering Information
Subassembled .......................The Pushbutton, Lamp, or Switch can be ordered separately. Use them in combination for models that are not
available as assembled Units. These can also be used as inventory for maintenance parts.
Lamp
LED Lamp
*1. For voltage-reduction lighting, use the A22-24A
@. Only 24-V LED lamps can be used.
*2. Used when the Pushbutton color is yellow or white.
Incandescent Lamp
Switch (Standard Load)
No Voltage Reduction Unit
Voltage Reduction Unit
*1. A DPST-NO model is shown here as an example.
*2. For a model with a Voltage Reduction Unit, use the A22-24A
@. Only 24-V LED lamps can be used.
Operating voltage
6 V
12 V
24 V
24 V Super-bright
Appearance
LED light
Model
Model
Model
Model
DC
Red
A22-6DR
---
---
---
Green
A22-6DG
---
---
---
Yellow *2
A22-6DY
---
---
---
Blue
A22-6DA
---
---
---
AC
Red
A22-6AR
---
---
---
Green
A22-6AG
---
---
---
Yellow *2
A22-6AY
---
---
---
Blue
A22-6AA
---
---
---
AC
and
DC
Red
---
A22-12AR
A22-24AR
A22-24ASR
Green
---
A22-12AG
A22-24AG
A22-24ASG
Yellow *2
---
A22-12AY
A22-24AY
A22-24ASY
Blue
---
A22-12AA
A22-24AA
A22-24ASA
Appearance
Operating
voltage
5 VAC/VDC
12 VAC/VDC
24 VAC/VDC
A22-5
A22-12
A22-24
Classification
Appearance
Non-lighted
Lighted
Operation
Momentary
Alternate
Momentary
Alternate
Contacts
Model
Model
Model
Model
Standard
load
SPST-NO
A22-10M
A22-10A
A22L-10M
A22L-10A
SPST-NC
A22-01M
A22-01A
A22L-01M
A22L-01A
SPST-NO + SPST-NC A22-11M
A22-11A
A22L-11M
A22L-11A
SPST-NO + SPST-NO A22-20M
A22-20A
A22L-20M
A22L-20A
SPST-NC + SPST-NC A22-02M
A22-02A
A22L-02M
A22L-02A
Classification
Appearance
110 VAC, Lighted
220 VAC, Lighted
Operation
Momentary
Alternate
Momentary
Alternate
Contacts
Model
Model
Model
Model
Standard
load
SPST-NO
A22L-10M-T1
A22L-10A-T1
A22L-10M-T2
A22L-10A-T2
SPST-NC
A22L-01M-T1
A22L-01A-T1
A22L-01M-T2
A22L-01A-T2
SPST-NO + SPST-NC A22L-11M-T1
A22L-11A-T1
A22L-11M-T2
A22L-11A-T2
SPST-NO + SPST-NO A22L-20M-T1
A22L-20A-T1
A22L-20M-T2
A22L-20A-T2
SPST-NC + SPST-NC A22L-02M-T1
A22L-02A-T1
A22L-02M-T2
A22L-02A-T2
Ordering set combinations: Refer to pages 3 to 6.
■ Ratings, characteristics, and dimensions: See pages 13 to 16.
■ Accessories and tools: See pages 10 to 12.
http://www.ia.omron.com/
9
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22-HA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-HA OMRON-A22-HA Datasheet
223Kb / 13P
   Pushbutton Switch
More results

Similar Description - A22-HA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com