Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFP-100N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # PFP-100N
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 6Page - Omron Electronics LLC PFP-100N Datasheet HTML 7Page - Omron Electronics LLC PFP-100N Datasheet HTML 8Page - Omron Electronics LLC PFP-100N Datasheet HTML 9Page - Omron Electronics LLC PFP-100N Datasheet HTML 10Page - Omron Electronics LLC PFP-100N Datasheet HTML 11Page - Omron Electronics LLC PFP-100N Datasheet HTML 12Page - Omron Electronics LLC PFP-100N Datasheet HTML 13Page - Omron Electronics LLC PFP-100N Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
H8PS
10
Operating Mode
■ Functions
The H8PS Cam Positioner receives angle signal inputs from the Dedicated Absolute Encoder and outputs the preset ON/OFF angles as cam outputs.
Program Examples
1. H8PS-8
@ (8-output Models)
2. H8PS-16
@ /-32@ (16-/32-output Models)
Note: The entire cam program can be changed at one time with 16- and 32-output Models with the bank function (banks 0 to 7).
For details on the procedure for switching banks, refer to page 29.
Cam output
(cam number)
Step 0
Step 1
Step 9
ON angle
OFF angle
ON angle
OFF angle
ON angle
OFF angle
145
°
90
°
135
°
225
°
270
°
315
°
20
°
90
°
135
°
180
°
---
---
890
°
225
°
270
°
285
°
315
°
345
°
Cam output 1
Cam output 2
Cam output 8
Pulse output
(See note 1.)
RUN output
Note 1: The number of pulses per Encoder rotation
and the pulse output start angle can be set.
Note 2: With counterclockwise rotation (359
°, 358°
...1
°, 0°), step 0 for cam output 1 turns ON
at 89
° and OFF at 44° at in the diagram.
0
°
45
°
90
°
135
°
180
°
225
°
270
°
315
°
0
°
45
°
Step 1
Step 9
Step 0
Step 0
Outputs a preset number of pulses per Encoder rotation. (Default setting: 60 pulses/revolution)
(ON/OFF ratio 1:1)
ON during Run or Test Mode. OFF when an error occurs.
Step 1
Step 1
Step 9
Step 0
Cam output 1
Cam output 2
Cam output 32
Pulse output
(See note 1.)
RUN output
Start input
(See note 2.)
Note 1: The number of pulses per Encoder rotation
and the pulse output start angle can be set.
Note 2: Be sure to turn ON the start input in Run and
Test modes. Otherwise, there will be no
outputs (output prohibited), including the cam
outputs, pulse output, and RUN output.
Note 3: With counterclockwise rotation (359
°, 358°
...1
°, 0°), step 0 for cam output 1 turns ON at
89
° and OFF at 44° in the diagram.
0
°
45
°
90
°
135
°
180
°
225
°
270
°
315
°
0
°
45
°
Step 0
Step 0
Outputs a preset number of pulses per Encoder rotation. (Default setting: 60 pulses/revolution)
(ON/OFF ratio 1:1)
ON during Run or Test Mode. OFF when an error occurs.
Step 1
Step 1
Step 9
Step 0
Step 1
Step 9
Cam Program (Bank No. 7)
Cam Program (Bank No. 2)
Cam Program (Bank No. 1)
Cam Program (Bank No. 0)
Cam output
(cam number)
Step 0
Step 1
Step 9
ON angle
OFF angle
ON angle
OFF angle
ON angle
OFF angle
145
°
90
°
135
°
225
°
270
°
315
°
20
°
90
°
135
°
180
°
---
---
32
90
°
225
°
270
°
285
°
315
°
345
°


Similar Part No. - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-100N OMRON-PFP-100N Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PFP-100N OMRON-PFP-100N Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
PFP-100N OMRON-PFP-100N Datasheet
398Kb / 15P
   Solid-State Digital Timer
PFP-100N OMRON-PFP-100N Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-100N OMRON-PFP-100N Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
   Cam Positioner
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
   Cam Positioner
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com