Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1-ID211 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CQM1-ID211
Description  Controlling Quality with this Exceptional Machine
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1-ID211 Datasheet(HTML) 4 Page - Omron Electronics LLC

  CQM1-ID211 Datasheet HTML 1Page - Omron Electronics LLC CQM1-ID211 Datasheet HTML 2Page - Omron Electronics LLC CQM1-ID211 Datasheet HTML 3Page - Omron Electronics LLC CQM1-ID211 Datasheet HTML 4Page - Omron Electronics LLC CQM1-ID211 Datasheet HTML 5Page - Omron Electronics LLC CQM1-ID211 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Input
Input
Inputs
Points
Voltage
Configuration
Model
DC
8
12 to 24 VDC
Independent
CQM1-ID211
contacts
16
12 VDC
16 points/
CQM1-ID111
24 VDC
common
CQM1-ID212
32
12 VDC
32 points/
CQM1-ID112
24 VDC
common
CQM1-ID213
AC
8
100 to 240 VAC
8 points/
CQM1-IA121
200 to 240 VAC
common
CQM1-IA221
Input Modules
Output Modules
CQM1-SRM21
(CompoBus/S)
Master Module
Module acts as the
Master of a high-speed
ON/OFF remote I/O
unit, controlling a
maximum of 128
I/O points.
CQM1-DA021
Analog Output
Module
This module allows two-
point digital-to-analog
conversion. Requires
CQM1-IPS01/02
power supply unit.
CQM1-LSE0
Linear Sensor
Interface Module
The module converts
voltage or current inputs
from linear sensors to
numeric data for
comparative decision
processing.
CQM1-AD041
Analog Input
Module
Use this module to
input 4 analog voltage
or current signals into
the CQM1. Requires
CQM1-IPS01/02
power supply
module.
CQM1-B7A
B7A Interface
Module
Allows direct link to
Omron’s B7A Remote
I/O series via twisted-
pair wire.
CQM1-SEN01
Sensor Module
Space saving module
reduces wiring and
allows direct connection
of selected sensors to
the CQM1.
CQM1-TC00 /10
Temperature
Control Module
Module provides two
temperature control loops
and is ideal for simple
ON and OFF temperature
control.
CQM1-DRT21
DeviceNet Slave
DeviceNet Slave
constructs an I/O link
of 32 I/O points with
the DeviceNet Master.
CQM1-IPS01/02
Power Supply
Module
Required power
supply for analog
input and output
modules.
Output
Max. Switching
Outputs
Points
Voltage
Configuration
Model
Contact
8
250 VAC/
Independent
CQM1-OC221
24 VDC
contacts
16
16 pts/ common
CQM1-OC222
8
Independent
CQM1-OC224
Transistor
8
24 VDC
8pts/common
CQM1-OD211
16
24 VDC PNP
16pts/common
CQM1-OD212
32
32pts/common
CQM1-OD213
16
16pts/common
CQM1-OD214
8
8pts/common
CQM1-OD215
AC
8
100 to 240 VAC
4pts/common
CQM1-OA221
2 circuits
6
4pts/common
CQM1-OA222
2pts/common
Special I/O Modules


Similar Part No. - CQM1-ID211

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1-ID211 OMRON-CQM1-ID211 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - CQM1-ID211

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
UP-RW1220P1 PANASONICBATTERY-UP-RW1220P1 Datasheet
145Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
UP-RW1245P1 PANASONICBATTERY-UP-RW1245P1 Datasheet
149Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932 Datasheet
618Kb / 7P
   Exceptional Broadband Performance
logo
SYNERGY MICROWAVE CORPO...
DCRO221226-8 SYNERGY-DCRO221226-8 Datasheet
350Kb / 3P
   Exceptional Phase Noise Performance
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
   Exceptional dielectric strength
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932_15 Datasheet
618Kb / 7P
   Exceptional Broadband Performance
logo
Kingston Technology Far...
DC450R KINGSTON-DC450R Datasheet
1Mb / 2P
   Read-centric SSD with exceptional I/O and latency predictability
logo
SYNERGY MICROWAVE CORPO...
DCRO119185-12-1 SYNERGY-DCRO119185-12-1 Datasheet
345Kb / 3P
   Exceptional Phase Noise Performance
DCSR4143-8 SYNERGY-DCSR4143-8 Datasheet
372Kb / 3P
   Exceptional Phase Noise Performance
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com