Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1-ID212 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CQM1-ID212
Description  Controlling Quality with this Exceptional Machine
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1-ID212 Datasheet(HTML) 6 Page - Omron Electronics LLC

  CQM1-ID212 Datasheet HTML 1Page - Omron Electronics LLC CQM1-ID212 Datasheet HTML 2Page - Omron Electronics LLC CQM1-ID212 Datasheet HTML 3Page - Omron Electronics LLC CQM1-ID212 Datasheet HTML 4Page - Omron Electronics LLC CQM1-ID212 Datasheet HTML 5Page - Omron Electronics LLC CQM1-ID212 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Omron Control Solutions
The revolutionary SRM1 micro network controller
combines the compact power of block style micro
PLCs with the remote I/O flexibility of larger PLC
systems and an innovative design that reduces
wiring. Its superior performance is based on a
4K word-program capacity, extensive 137-word
command instruction set, an instruction execution
speed of 0.8 microseconds or faster, and a constant
750 kbps baud rate for superior operating speeds.
Use the SRM1 to control up to 256 I/O points and
place them directly where you want them.
The CPM1A
family of micro-
programmable
controllers is the
best way to max-
imize dollars and
space while
meeting your
control needs for
small-scale control systems. These versatile units feature new transistor
output CPUs that have a pulse output capability to control a stepper motor, a
built-in 5kHz high speed counter and a peripheral port that can be converted
to an RS-232 port for easy communications. The CPM1As can be expanded
to 100 I/O and feature the new MAD-01 (Mixed Analog Digital I/O) used
integrate analog signals into your control systems.
Get the advantages of large PLC performance and I/O versatility
with the C200H Alpha. Choose from 13 CPU models that can
support more than 1,000 I/O, including 16 special I/O modules
per CPU for customized control. Use the built-in Protocol Macro
function to support most common serial devices or customize
one of your own for RS-232C, RS-422 and RS-485 commun-
ications. The C200H Alpha smoothly fits into either DeviceNet or
Ethernet networks.
© 1998 OMRON ELECTRONICS, INC.
OMRON ELECTRONICS, INC.
Industrial Automation Division
One East Commerce Drive
Schaumburg, IL 60173 USA
OMRON CANADA, INC.
885 Milner Avenue
Scarborough, Ontario M1B 5V8
SB CQM1-1 9/98/10M


Similar Part No. - CQM1-ID212

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1-ID212 OMRON-CQM1-ID212 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - CQM1-ID212

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
UP-RW1220P1 PANASONICBATTERY-UP-RW1220P1 Datasheet
145Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
UP-RW1245P1 PANASONICBATTERY-UP-RW1245P1 Datasheet
149Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932 Datasheet
618Kb / 7P
   Exceptional Broadband Performance
logo
SYNERGY MICROWAVE CORPO...
DCRO221226-8 SYNERGY-DCRO221226-8 Datasheet
350Kb / 3P
   Exceptional Phase Noise Performance
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
   Exceptional dielectric strength
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932_15 Datasheet
618Kb / 7P
   Exceptional Broadband Performance
logo
Kingston Technology Far...
DC450R KINGSTON-DC450R Datasheet
1Mb / 2P
   Read-centric SSD with exceptional I/O and latency predictability
logo
SYNERGY MICROWAVE CORPO...
DCRO119185-12-1 SYNERGY-DCRO119185-12-1 Datasheet
345Kb / 3P
   Exceptional Phase Noise Performance
DCSR4143-8 SYNERGY-DCSR4143-8 Datasheet
372Kb / 3P
   Exceptional Phase Noise Performance
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com