Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-Z12-1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E39-Z12-1
Description  The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-Z12-1 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E39-Z12-1 Datasheet HTML 2Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 3Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 4Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 5Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 6Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 7Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 8Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 9Page - Omron Electronics LLC E39-Z12-1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
E3X-DA-N
Ratings and Specifications
Amplifiers
Pre-wired Amplifiers
Type
Standard
models
Monitor-
output
models
Mark-detecting models
Infrared
models
Water-
resistant
models
Twin-output
models
Output
type
NPN
output
E3X
-DA11-N
E3X
-DA21-N
E3X
-DAB11-N
E3X
-DAG11-N
E3X
-DAH11-N
E3X
-DA11V
E3X
-DA11TW
Item
PNP
output
E3X
-DA41-N
E3X
-DA51-N
E3X
-DAB41-N
E3X
-DAG41-N
E3X
-DAH41-N
E3X
-DA41V
E3X
-DA41TW
Light source
(wavelength)
Red LED (660 nm)
Blue LED
(470 nm)
Green LED
(525 nm)
Infrared LED
(870 nm)
Red LED (660 nm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Power consumption
Normally: 960 mW max. (current consumption: 40 mA max. at power supply voltage of 24 VDC)
Eco Mode: 720 mW max. (current consumption: 30 mA max. at power supply voltage of 24 VDC)
Digital display not lit: 600 mW max. (current consumption: 25 mA max. at power supply voltage of 24 VDC)
Con-
trol
output
ON/OFF
output
Load current: 50 mA (residual voltage (NPN/PNP): 1 V max.,
Open collector (NPN or PNP output, depending on the model)
Light ON/Dark ON selectable
Monitor
output
---
Load 1 to
5 VDC,
10 k
Ω min.
---
Protection circuit
Power supply reverse polarity, Output short-circuit protection, Mutual interference prevention (supported for up to 10
Units)
Re-
sponse
time
Super-high-
speed mode
0.25 ms for operation and reset respectively
0.5 ms for
operation and
reset
respectively
Standard
mode
1 ms for operation and reset respectively
2 ms for
operation and
reset
Super-long-
distance
mode
4 ms for operation and reset respectively
7 ms for
operation and
reset
respectively
Sensitivity setting
Teaching or manual method
Func-
tions
Timer func-
tion
OFF-delay timer: 0 to 200 ms, 1 to 20 ms (set in 1-ms units); 20 to 200 ms (set in 5-ms units)
Using Mobile Console: OFF delay, ON delay, or one shot (selectable)
Automatic
power con-
trol (APC)
Fiber-optic current digital
control
---
Fiber-optic current digital control
Zero-reset
Negative values can be displayed.
Initial reset
Settings can be returned to defaults as required.
Monitor fo-
cus
---
Upper and
lower limits
can be set as
required for
every 100
digital values.
---
Indicators
Operation indicator (orange), 7-segment digital incident level display (red), 7-segment digital incident level percentage
display (red), threshold and excess gain 2-color double bar indicators (green and red), 7-segment digital threshold
display (red)
Display timing
Switching between normal/peak-hold/bottom-hold possible
Display orientation
Switching between normal/reverse possible
Optical axis adjust-
ment
Optical axis adjustment possible (hyper-flashing function)
Ambient illumination
(receiver side)
Incandescent lamp: 10,000 lx max.
Sunlight: 20,000 lx max.
For dimensions, refer to page 26 to 29.
http://www.ia.omron.com/
6
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E39-Z12-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-Z12-1 OMRON-E39-Z12-1 Datasheet
5Mb / 34P
   Super Dual Fiber Sensor
More results

Similar Description - E39-Z12-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com