Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-FW-T1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # M22-FW-T1
Description  Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M22-FW-T1 Datasheet(HTML) 6 Page - Omron Electronics LLC

  M22-FW-T1 Datasheet HTML 1Page - Omron Electronics LLC M22-FW-T1 Datasheet HTML 2Page - Omron Electronics LLC M22-FW-T1 Datasheet HTML 3Page - Omron Electronics LLC M22-FW-T1 Datasheet HTML 4Page - Omron Electronics LLC M22-FW-T1 Datasheet HTML 5Page - Omron Electronics LLC M22-FW-T1 Datasheet HTML 6Page - Omron Electronics LLC M22-FW-T1 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M22
6
Dimensions
(Unit: mm)
Indicators
Terminal Arrangement
(Bottom View)
Note: The figure shows an example of the terminal arrangement when the
Socket Unit is removed.
Terminal Connection
Panel Cutouts
• When applying coating such as paint to the panel, the dimensions
should be those after the application of coating.
• Recommended panel thickness: 1 to 5 mm.
• Use an A22Z-R25 Ring when mounting to a panel with 25-mm
holes.
Accessories
Refer to the relevant information in the corresponding section for the
A22.
Safety Precautions
Refer to Safety Precautions for All Pushbutton Switches and Safety Precautions for the A22.
Round
M22-F
Square
M22-C
1.8
5.9
0.5
34
16
29.7 dia.
54.7
1.8
5.9
0.5
34
18
54.7
29.8
× 29.8
25.6
× 25.6
With/Without Voltage Reduction Unit
22
Lamp Socket
M3.5 screw
Type
Without Voltage
Reduction Unit
With Voltage Reduction
Unit
Terminal
Connection
X2
X1
X
(
−)
(
+)
X1
X2
X
22.3
dia.
dia.
+0.4
0
25
+0.5
0
Lock Ring is provided as a standard item.


Similar Part No. - M22-FW-T1

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-0340000 HARWIN-M22-0340000 Datasheet
65Kb / 1P
   POLARISING KEY FOR 2mm SOCKET CONNECTORS
M22-1900005 HARWIN-M22-1900005 Datasheet
87Kb / 1P
   2mm PITCH JUMPER SOCKET ASSEMBLY (OPEN TOP)
M22-1900046 HARWIN-M22-1900046 Datasheet
87Kb / 1P
   2mm PITCH JUMPER SOCKET ASSEMBLY (OPEN TOP)
M22-1910005 HARWIN-M22-1910005 Datasheet
87Kb / 1P
   2mm PITCH JUMPER SOCKET ASSEMBLY (OPEN TOP)
M22-1910046 HARWIN-M22-1910046 Datasheet
87Kb / 1P
   2mm PITCH JUMPER SOCKET ASSEMBLY (OPEN TOP)
More results

Similar Description - M22-FW-T1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
980 VCC-980 Datasheet
539Kb / 1P
   Dia Indicator Lights
logo
Omron Electronics LLC
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com