Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1W-PA202 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CJ1W-PA202
Description  CPU Selection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-PA202 Datasheet(HTML) 4 Page - Omron Electronics LLC

  CJ1W-PA202 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-PA202 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CJ1 Ordering Guide
B-121
Programmable Controller
CJ1
Modules
J Basic I/O Modules
Item
Description/Specifications
Standards
Part number
Item
Description/Specifications
Standards
Part number
DC Input Modules
8 inputs, 24 VDC, 10 mA, terminal block
UC, CE
CJ1W-ID201
p
16 inputs, 24 VDC, 7 mA, terminal block
,
CJ1W-ID211
32 inputs, 24 VDC, 4.1 mA, Fujitsu-compatible connector
CJ1W-ID231
(See note.)
32 inputs, 24 VDC, 4.1 mA, MIL-type connector
CJ1W-ID232
(See note.)
64 inputs, 24 VDC, 4.1 mA, Fujitsu-compatible connector
CJ1W-ID261
(See note.)
64 inputs, 24 VDC, 4.1 mA, MIL-type connector
CJ1W-ID262
(See note)
AC Input Modules
16 inputs, 100 to 120 VAC, 7 mA (100 V, 50 Hz), terminal block
CJ1W-IA111
p
8 inputs, 200 to 240 VAC, 10 mA (200 V, 50 Hz), terminal block
CJ1W-IA201
Interrupt Input Module
16 inputs, 24 VDC, 7 mA, terminal block
CJ1W-INT01
Pulse Catch Input
Module
16 inputs, 24 VDC, 7 mA, terminal block
CJ1W-IDP01
Relay Bit Output
M d l
8 outputs max., 250 VAC/24 VDC, 2 A, independent contacts
CJ1W-OC201
y
p
Modules
16 outputs max., 250 VAC/24 VDC, 2 A, independent contacts
CJ1W-OC211
Transistor Output
M d l
12 to 24 VDC, 2 A, 8 outputs, sinking, terminal block
CJ1W-OD201
p
Modules
8 outputs, 24 VDC, 2 A, sourcing, load short-circuit protection, alarm, terminal block
CJ1W-OD202
8 outputs, 12 to 24 VDC, 0.5 A, sinking, terminal block
CJ1W-OD203
8 outputs, 24 VDC, 0.5 A, sourcing, terminal block
CJ1W-OD204
16 outputs, 12 to 24 VDC, 0.5 A, sinking, terminal block
CJ1W-OD211
16 outputs, 24 VDC, 0.5 A, sourcing, load short-circuit protection, disconnection
detection, alarm, terminal block
CJ1W-OD212
32 outputs, 12 to 24 VDC, 0.5 A, sinking, Fujitsu-compatible connector
CJ1W-OD231
(See note.)
32 outputs, 24 VDC, 0.5 A, sourcing, load short-circuit protection, alarm, MIL
connector
CJ1W-OD232
(See note.)
32 outputs, 12 to 24 VDC, 0.5 A, sinking, MIL-type connector
CJ1W-OD233
(See note.)
64 outputs, 12 to 24 VDC, 0.3 A, sinking, Fujitsu-compatible connector
CJ1W-OD261
(See note.)
64 outputs, 12 to 24 VDC, 0.3 A, sourcing, MIL-type connector
CJ1W-OD262
(See note.)
64 outputs, 12 to 24 VDC, 0.3 A, sinking, MIL-type connector
CJ1W-OD263
(See note.)
Triac Output Module
8 outputs, 250 VAC, 0.6 A, terminal block
CJ1W-OA201
Mixed I/O Modules
24VDC
Input/Transistor
O t
t
Fujitsu-compatible connector
Inputs: 24 VDC, 16 inputs
Outputs: 12 to 24 VDC, 0.5A, 16 outputs
CJ1W-MD231
(See note.)
p /
Output
Mixed I/O Modules
24VDC
I
t/T
i t
Fujitsu-compatible connector
Inputs: 24 VDC, 32 inputs
Outputs: 12 to 24 VDC, 0.3A, 32 outputs
CJ1W-MD261
(See note.)
Input/Transistor
Output
MIL-type connector
Inputs: 24 VDC, 16 inputs
Outputs: 24 VDC, 0.5 A, 16 outputs
Load short-circuit protection
CJ1W-MD232
(See note.)
MIL-type connector
Inputs: 24 VDC, 16 inputs
Outputs: 12 to 24 VDC, 0.5A, 16 outputs
CJ1W-MD233
(See note.)
MIL-type connector
Inputs: 24 VDC, 32 inputs
Outputs: 12 to 24 VDC, 0.3A, 32 outputs
CJ1W-MD263
(See note.)
TTL Mixed I/O
Module
MIL-type connector
Inputs: TTL (5 VDC), 32 inputs
outputs: TTL (5 VDC, 35mA), 32 outputs
CJ1W-MD563
(See note.)
B7A Interface
M d l
64 inputs
CE
CJ1W-B7A14
Modules
64 outputs
CJ1W-B7A04
32 inputs/32 outputs
CJ1W-B7A22
Note:
Connectors for wiring are not provided with connector models. Either purchase the following Connectors, or use an OMRON XW2j Connector-Termi-
nal Block Conversion Unit or a G7j I/O Relay Terminal.


Similar Part No. - CJ1W-PA202

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-PA202 OMRON-CJ1W-PA202 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-PA202 OMRON-CJ1W-PA202 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1W-PA202 OMRON-CJ1W-PA202 Datasheet
480Kb / 5P
   Reference Information
CJ1W-PA202 OMRON-CJ1W-PA202 Datasheet
1Mb / 11P
   CJ-series Power Supply Unit
More results

Similar Description - CJ1W-PA202

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
   Clock signal selection
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
   Antenna selection guidelines
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Freescale Semiconductor...
AN1668 FREESCALE-AN1668 Datasheet
161Kb / 6P
   Washing Appliance Sensor Selection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com