Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-CA-6A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # M22-CA-6A
Description  Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M22-CA-6A Datasheet(HTML) 5 Page - Omron Electronics LLC

  M22-CA-6A Datasheet HTML 1Page - Omron Electronics LLC M22-CA-6A Datasheet HTML 2Page - Omron Electronics LLC M22-CA-6A Datasheet HTML 3Page - Omron Electronics LLC M22-CA-6A Datasheet HTML 4Page - Omron Electronics LLC M22-CA-6A Datasheet HTML 5Page - Omron Electronics LLC M22-CA-6A Datasheet HTML 6Page - Omron Electronics LLC M22-CA-6A Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M22
5
Specifications
Ratings
LED Lamp
Incandescent Lamp
Voltage-reduction Lighting
Characteristics
Approved Standard Ratings
UL, cUL (File No. E41515)
Input voltage: 120 V max. 2.6 W max. (A22-TN)
110 VAC (A22-T1)
200 VAC (A22-T2)
Note: Only Lamp Sockets are recognized by UL.
CCC (GB14048.5)
24 VAC/VDC max. (Without Voltage Reduction Unit)
100 VAC
(With Voltage Reduction Unit: M22-
@@-T1)
200 VAC
(With Voltage Reduction Unit: M22-
@@-T2)
Nomenclature
Model Structure
Rated voltage
Rated current
Operating voltage
6 VAC/VDC
8 mA
6 VAC/VDC
±5%
12 VAC/VDC
12 VAC/VDC
±5%
24 VAC/VDC
24 VAC/VDC
±5%
Rated voltage
Rated current
Operating voltage
6 VAC/VDC
200 mA
5 V
14 VAC/VDC
80 mA
12 V
28 VAC/VDC
40 mA
24 V
Rated
voltage
Rated
current
Operating
voltage
Applicable lamp
(BA9S/Base: 13)
110 VAC
8 mA
100 VAC
(95 to 115 V)
LED lamp
(A22-24
@)
220 VAC
200 VAC
(190 to 230 V)
Ambient operating temperature
–20
°C to 55°C
Ambient operating humidity
35% to 85%RH
Ambient storage temperature
–40
°C to 70°C
Degree of protection
IP65
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (IEC60947-5-1)
Lock Ring
Available Colors
Red, green yellow, white, blue
Light Source
●LED lamp
●Incandescent lamp
Lighting Method
●Lighted (without Voltage Reduction Unit)
●Lighted (with Voltage Reduction Unit)
Display
Lamp
Socket Unit


Similar Part No. - M22-CA-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M22-CK01 ETC2-M22-CK01 Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
M22-CK01 ETC2-M22-CK01 Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22-CK01D ETC2-M22-CK01D Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
M22-CK01D ETC2-M22-CK01D Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22-CK02 ETC2-M22-CK02 Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
More results

Similar Description - M22-CA-6A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
980 VCC-980 Datasheet
539Kb / 1P
   Dia Indicator Lights
logo
Omron Electronics LLC
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com