Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFP-50N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # PFP-50N
Description  CPU Selection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-50N Datasheet(HTML) 1 Page - Omron Electronics LLC

  PFP-50N Datasheet HTML 1Page - Omron Electronics LLC PFP-50N Datasheet HTML 2Page - Omron Electronics LLC PFP-50N Datasheet HTML 3Page - Omron Electronics LLC PFP-50N Datasheet HTML 4Page - Omron Electronics LLC PFP-50N Datasheet HTML 5Page - Omron Electronics LLC PFP-50N Datasheet HTML 6Page - Omron Electronics LLC PFP-50N Datasheet HTML 7Page - Omron Electronics LLC PFP-50N Datasheet HTML 8Page - Omron Electronics LLC PFP-50N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CJ1 Ordering Guide
B-118 Programmable Controller
CJ1
CPU Selection
J CPUs
CPU Model Description/Specifications
Part number
No. of I/O
points
Max. no. of modules,
Max. no. of expansions
(See Note 2.)
Program
capacity
Data memory capacity
(See Note 1.)
LD
instruction
processing
speed
Standards
2,560
40 modules, up to 3
expansion racks
120K steps
256K words
(DM: 32K words,
EM: 32K words x 7 banks)
0.02
µs
UC, CE
CJ1H-CPU66H
40 modules, up to 3
expansion racks
60K steps
128K words
(DM: 32K words,
EM: 32K words x 3 banks)
CJ1H-CPU65H
1,280
40 modules, up to 3
expansion racks
60K steps
128K words
(DM: 32K words,
EM: 32K words x 3 banks)
0.04
µs
CJ1G-CPU45H
30 modules, up to 2
expansion racks
30K steps
64K words
(DM: 32K words,
EM: 32K words x 1 bank)
CJ1G-CPU44H
960
30 modules, up to 2
expansion racks
20K steps
64K words
(DM: 32K words,
EM: 32K words x 1 bank)
CJ1G-CPU43H
30 modules, up to 2
expansion racks
10K steps
64K words
(DM: 32K words,
EM: 32K words x 1 bank)
CJ1G-CPU42H
640
20 modules,
1 expansion rack
20K steps
32K words (DM only,
no EM)
.1
µs
CJ1M-CPU23
320
10 modules, no
i
k
10K steps
)
CJ1M-CPU22
160
,
expansion racks
5K steps
CJ1M-CPU21
640
20 modules,
1 expansion rack
20K steps
32K words (DM only,
no EM)
.1
µs
CJ1M-CPU13
320
10 modules, no
i
k
10K steps
)
CJ1M-CPU12
160
,
expansion racks
5K Steps
CJ1M-CPU11
Note: 1. The available data memory capacity is the sum of the Data Memory (DM) and the Extended Data Memory (EM). However,
thereisnoEMonCJ1MCPUs.
2. Three CJ1M CPUs (CJ1M-CPU21, CJ1M-CPU22 and CJ1M-CPU23) also incorporate built-in I/O. Refer to the
CPU Overview
Section for more information.
J Memory Cards
Item
Description/Specifications
Standards
Part number
Flash Memory Cards
15 MB
L, CE
HMC-EF172
y
30 MB
,
HMC-EF372
64 MB
HMC-EF672
Memory Card Adapter
Mounts a memory card to fit the PCMCIA card slot on a computer
HMC-AP001
J Batteries
Item
Description/Specifications
Standards
Part number
Battery Set
Can also be used with CPM2A and CQM1H PLCs.
This battery cannot be used for CS1 Series PLCs.
L, CE
CPM2A-BAT01
Can be used with CJ1M only.
This battery cannot be used for CJ1G/H, CPM2A, or CS1 Series
PLCs.
CJ1W-BAT01


Similar Part No. - PFP-50N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-50N OMRON-PFP-50N Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PFP-50N OMRON-PFP-50N Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
PFP-50N OMRON-PFP-50N Datasheet
398Kb / 15P
   Solid-State Digital Timer
PFP-50N OMRON-PFP-50N Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-50N OMRON-PFP-50N Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - PFP-50N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
   Clock signal selection
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
   Antenna selection guidelines
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Freescale Semiconductor...
AN1668 FREESCALE-AN1668 Datasheet
161Kb / 6P
   Washing Appliance Sensor Selection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com