Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846AE6327 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BC846AE6327
Description  NPN Silicon AF Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC846AE6327 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BC846AE6327 Datasheet HTML 4Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 5Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 6Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 7Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 8Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 9Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 10Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 11Page - Infineon Technologies AG BC846AE6327 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2011-09-09
8
BC847...-BC850...
Noise figure F =
ƒ(VCE)
IC = 0.2mA, RS = 2kΩ , f = 1kHz
0
10
10
10
10
BC 846...850
EHP00370
V
CE
F
V
10
5
15
dB
20
-1
0
1
2
5
Noise figure F =
ƒ(f)
IC = 0.2 mA, VCE = 5V, RS = 2 kΩ
10
10
10
10
BC 846...850
EHP00371
F
kHz
dB
-2
-1
1
2
20
10
0
5
15
f
0
10
Noise figure F =
ƒ(IC)
VCE = 5V, f = 120Hz
10
10
10
10
BC 846...850
EHP00372
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
S
R
C
Ι
Noise figure F =
ƒ(IC)
VCE = 5V, f = 1kHz
10
10
10
10
BC 846...850
EHP00373
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
S
R
C
Ι


Similar Part No. - BC846AE6327

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BC846A YEASHIN-BC846A Datasheet
857Kb / 5P
   General Purpose Transistors
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
FutureWafer Tech Co.,Lt...
BC846A FUTUREWAFER-BC846A Datasheet
1Mb / 13P
   NPN Silicon Epitaxial General Purpose Transistors
logo
Diodes Incorporated
BC846A DIODES-BC846A Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
Micro Commercial Compon...
BC846A MCC-BC846A Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - BC846AE6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com