Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848BE6327 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BC848BE6327
Description  NPN Silicon AF Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC848BE6327 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BC848BE6327 Datasheet HTML 5Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 6Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 7Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 8Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 9Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 10Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 11Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 12Page - Infineon Technologies AG BC848BE6327 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2011-09-09
11
BC847...-BC850...
Package SOT323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
0.1 MAX.
0.15
+0.1
-0.05
0.3
+0.1
±0.1
0.9
12
3
A
±0.2
2
-0.05
0.65
0.65
M
3x
0.1
0.1
M
0.2
A
0.2
4
2.15
1.1
Pin 1
Pin 1
2005, June
Date code (YM)
BCR108W
Type code
0.6
0.65
0.65
Manufacturer


Similar Part No. - BC848BE6327

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BC848B BILIN-BC848B Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
NXP Semiconductors
BC848B PHILIPS-BC848B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Guangdong Youtai Semico...
BC848B UMW-BC848B Datasheet
439Kb / 3P
   TRANSISTOR (NPN)
logo
Taiwan Semiconductor Co...
BC848B TSC-BC848B Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
BC848B HTSEMI-BC848B Datasheet
1Mb / 4P
   TRANSISTOR (NPN)
More results

Similar Description - BC848BE6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com