Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP4N20 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQP4N20
Description  200V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP4N20 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQP4N20 Datasheet HTML 1Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 2Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 3Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 4Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 5Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 6Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 7Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
Charge
V
GS
5V
Qg
Q
gs
Q
gd
3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
5V
Qg
Q
gs
Q
gd
3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VGS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
5V
V
DS
RL
DUT
R
G
VGS
VGS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
5V
V
DS
RL
DUT
R
G
VGS
E
AS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
VDD
IAS
VDS (t)
I
D (t)
Time
10V
DUT
R
G
L
I
D
t
p
E
AS =L IAS
2
----
2
1
E
AS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
VDD
IAS
VDS (t)
I
D (t)
Time
10V
DUT
R
G
L
L
I
D
I
D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FQP4N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQP4N20 VBSEMI-FQP4N20 Datasheet
2Mb / 9P
   N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQP4N20 ISC-FQP4N20 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP4N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com