Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS663 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS663
Description  PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS663 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS663 Datasheet HTML 1Page - Integrated Device Technology ICS663 Datasheet HTML 2Page - Integrated Device Technology ICS663 Datasheet HTML 3Page - Integrated Device Technology ICS663 Datasheet HTML 4Page - Integrated Device Technology ICS663 Datasheet HTML 5Page - Integrated Device Technology ICS663 Datasheet HTML 6Page - Integrated Device Technology ICS663 Datasheet HTML 7Page - Integrated Device Technology ICS663 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS663
PLL BUILDING BLOCK
PLL BUILDING BLOCK
IDT™ / ICS™ PLL BUILDING BLOCK
3
ICS663
REV E 012006
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS663. These ratings, which are
standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±5% or 5.0 V ±10%, Ambient temperature -40 to +85
° C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
° C
Industrial Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.13
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
5.5
V
Logic Input High Voltage
VIH
REFIN, FBIN,
SEL
2V
Logic Input Low Voltage
VIL
REFIN, FBIN,
SEL
0.8
V
LF Input Voltage Range
VI
0VDD
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
Output High Voltage, CMOS
level
VOH
IOH = -8 mA
VDD-0.4
Operating Supply Current
IDD
VDD = 5.0 V,
No load, 40 MHz
15
mA
Short Circuit Current
IOS
CLK
±100
mA
Input Capacitance
CI
SEL
5
pF


Similar Part No. - ICS663

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
ICS663M ICST-ICS663M Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
ICS663MI ICST-ICS663MI Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
ICS663MIT ICST-ICS663MIT Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
ICS663MT ICST-ICS663MT Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
More results

Similar Description - ICS663

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
   PLL BUILDING BLOCK
051310
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
   PLL Building Block
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
   VCO & Phase-Detector for PLL System
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
logo
Linear Technology
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
   Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com